Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX5051
Description  Advanced Multi-channel Single Chip UHF Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 7Page - ON Semiconductor AX5051 Datasheet HTML 8Page - ON Semiconductor AX5051 Datasheet HTML 9Page - ON Semiconductor AX5051 Datasheet HTML 10Page - ON Semiconductor AX5051 Datasheet HTML 11Page - ON Semiconductor AX5051 Datasheet HTML 12Page - ON Semiconductor AX5051 Datasheet HTML 13Page - ON Semiconductor AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AX5051
www.onsemi.com
11
Table 10.
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
ASK
1
600
kbps
PSK
10
600
FSK
1
350
802.15.4 (DSSS)
ASK and PSK
1
40
802.15.4 (DSSS)
FSK
1
16
IL
Maximum input level
−20
dBm
CP1dB
Input referred compression point
2 tones separated by 100 kHz
−35
dBm
IIP3
Input referred IP3
−25
RSSIR
RSSI control range
85
dB
RSSIS1
RSSI step size
Before digital channel filter; calculated
from register AGCCOUNTER
0.625
dB
RSSIS2
RSSI step size
Behind digital channel filter; calculated
from registers AGCCOUNTER,
TRKAMPL
0.1
dB
SEL868
Adjacent channel suppression
FSK 50 kbps,
(Notes 1 & 2)
18
dB
Alternate channel suppression
19
Adjacent channel suppression
FSK 100 kbps,
(Notes 1 & 3)
16
dB
Alternate channel suppression
30
Adjacent channel suppression
PSK 200 kbps,
(Notes 1 & 4)
17
dB
Alternate channel suppression
28
BLK868
Blocking at ± 1 MHz offset
FSK 100 kbps,
(Note 5)
38
dB
Blocking at − 2 MHz offset
40
Blocking at ± 10 MHz offset
60
Blocking at ± 100 MHz offset
82
IMRR868
Image rejection
30
1. Interferer/Channel @ BER = 10−3, channel level is +10 dB above the typical sensitivity, the interfering signal is a random data signal (except
PSK200); both channel and interferer are modulated without shaping
2. FSK 50 kbps: 868 MHz, 200 kHz channel spacing, 25 kHz deviation, programming as recommended in Programming Manual
3. FSK 100 kbps: 868 MHz, 400 kHz channel spacing, 50 kHz deviation , programming as recommended in Programming Manual
4. PSK 200 kbps: 868 MHz, 400 kHz channel spacing, programming as recommended in Programming Manual, interfering signal is a constant
wave
5. Channel/Blocker @ BER = 10−3, channel level is +10 dB above the typical sensitivity, the blocker signal is a constant wave; channel signal
is modulated without shaping, the image frequency lies 2 MHz above the wanted signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com