Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5051
Description  Advanced Multi-channel Single Chip UHF Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 17Page - ON Semiconductor AX5051 Datasheet HTML 18Page - ON Semiconductor AX5051 Datasheet HTML 19Page - ON Semiconductor AX5051 Datasheet HTML 20Page - ON Semiconductor AX5051 Datasheet HTML 21Page - ON Semiconductor AX5051 Datasheet HTML 22Page - ON Semiconductor AX5051 Datasheet HTML 23Page - ON Semiconductor AX5051 Datasheet HTML 24Page - ON Semiconductor AX5051 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AX5051
www.onsemi.com
21
Table 21. CONTROL REGISTER MAP
Addr
Description
Bit
Reset
Dir
Name
Addr
Description
0
1
2
3
4
5
6
7
Reset
Dir
Name
Synthesizer
20
FREQ3
RW 00111001
FREQ(31:24)
Synthesizer
Frequency
21
FREQ2
RW 00110100
FREQ(23:16)
Synthesizer
Frequency
22
FREQ1
RW 11001100
FREQ(15:8)
Synthesizer
Frequency
23
FREQ0
RW 11001101
FREQ(7:0)
Synthesizer
Frequency
25
FSKDEV2
RW 00000010
FSKDEV(23:16)
FSK Frequency
Deviation
26
FSKDEV1
RW 01100110
FSKDEV(15:8)
FSK Frequency
Deviation
27
FSKDEV0
RW 01100110
FSKDEV(7:0)
FSK Frequency
Deviation
28
IFFREQHI
RW 00100000
IFFREQ(15:8)
2nd LO / IF
Frequency
29
IFFREQLO
RW 00000000
IFFREQ(7:0)
2nd LO / IF
Frequency
2C
PLLLOOP
RW −0011101
−
reserve
d
BANDSEL
PLLCPI(2:0)
FLT(1:0)
Synthesizer Loop
Filter Settings
2D
PLLRANGING
RW 00001000
STICK
Y
LOCK
PLL
LOCK
RNGERR
RNG
START
VCOR(3:0)
Synthesizer VCO
Auto−Ranging
Transmitter
30
TXPWR
RW −−−−1000
–
–
–
–
TXRNG(3:0)
Transmit Power
31
TXRATEHI
RW 00001001
TXRATE(23:16)
Transmitter Bitrate
32
TXRATEMID
RW 10011001
TXRATE(15:8)
Transmitter Bitrate
33
TXRATELO
RW 10011010
TXRATE(7:0)
Transmitter Bitrate
34
MODMISC
RW ––––––11
–
–
–
–
–
–
reserved
PTTCLK
GATE
Misc RF Flags
FIFO, Part 2
35
FIFOCOUNT
R
−−−−−−−−
−
−
−
−
−
FIFOCOUNT(2:0)
FIFO Fill state
36
FIFOTHRESH
RW −−−−−000
−
−
−
−
−
FIFOTHRESH(2:0)
FIFO Threshold
37
FIFOCONTROL
2
RW 0−−−−−00
CLEAR −
−
−
−
−
STOPONERR(1:0) Additional FIFO
control
Receiver
3A
AGCATTACK
RW 00010110
−
−
−
AGCATTACK(4:0)
AGC Attack
3B
AGCDECAY
RW 0–010011
reserved
–
reserved
AGCDECAY(4:0)
AGC Decay
3C
AGCCOUNTER R
––––––––
AGCCOUNTER(7:0)
AGC Current Value
3D
CICSHIFT
R
−−000100
−
−
reseved
CICSHIFT(4:0)
CIC Shift Factor
3F
CICDEC
RW 00000100
−
−
CICDEC(5:0)
CIC Decimation
Factor
40
DATARATEHI
RW 00011010
DATARATE(15:8)
Datarate
41
DATARATELO
RW 10101011
DATARATE(7:0)
Datarate
42
TMGGAINHI
RW 00000000
TIMINGGAIN(15:8)
Timing Gain
43
TMGGAINLO
RW 11010101
TIMINGGAIN(7:0)
Timing Gain
44
PHASEGAIN
RW 00––0011
reserved
–
–
PHASEGAIN(3:0)
Phase Gain
45
FREQGAIN
RW 00001010
reserved
FREQGAIN(3:0)
Frequency Gain
46
FREQGAIN2
RW ––––1010
–
–
–
–
FREQGAIN2(3:0)
Frequency Gain 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com