Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX5051
Description  Advanced Multi-channel Single Chip UHF Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 3 Page - ON Semiconductor

  AX5051 Datasheet HTML 1Page - ON Semiconductor AX5051 Datasheet HTML 2Page - ON Semiconductor AX5051 Datasheet HTML 3Page - ON Semiconductor AX5051 Datasheet HTML 4Page - ON Semiconductor AX5051 Datasheet HTML 5Page - ON Semiconductor AX5051 Datasheet HTML 6Page - ON Semiconductor AX5051 Datasheet HTML 7Page - ON Semiconductor AX5051 Datasheet HTML 8Page - ON Semiconductor AX5051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AX5051
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTIONS
Symbol
Pin(s)
Type
Description
NC
1
N
Not to be connected
VDD
2
P
Power supply, must be supplied with regulated voltage VREG
GND
3
P
Ground
ANTP
4
A
Antenna input/output
ANTN
5
A
Antenna input/output
GND
6
P
Ground
VDD
7
P
Power supply, must be supplied with regulated voltage VREG
NC
8
N
Not to be connected
TST1
9
I
Must be connected to GND
TST2
10
I
Must be connected to GND
GND
11
P
Ground
RESET_N
12
I
Optional reset input
If this pin is not used it must be connected to VDD_IO
SYSCLK
13
I/O
Default functionality: Crystal oscillator (or divided) clock output
Can be programmed to be used as a general purpose I/O pin
SEL
14
I
Serial peripheral interface select
CLK
15
I
Serial peripheral interface clock
MISO
16
O
Serial peripheral interface data output
MOSI
17
I
Serial peripheral interface data input
TST3
18
I
Must be connected to GND
IRQ
19
I/O
Default functionality: Transmit and receive interrupt
Can be programmed to be used as a general purpose I/O pin
VDD_IO
20
P
Unregulated power supply
NC
21
N
Not to be connected
GND
22
P
Ground
NC
23
N
Not to be connected
VREG
24
P
Regulated output voltage
VDD pins must be connected to this supply voltage
A 1 mF low ESR capacitor to GND must be connected to this pin
NC
25
N
Not to be connected
NC
26
N
Not to be connected
CLK16P
27
A
Crystal oscillator input/output
CLK16N
28
A
Crystal oscillator input/output
A = analog signal
I = digital input signal
O = digital output signal
I/O = digital input/output signal
N = not to be connected
P = power or ground
All digital inputs are Schmitt trigger inputs; digital input
and output levels are LVCMOS/LVTTL compatible and 5 V
tolerant.
The center pad of the QFN28 package should be
connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com