Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5051
Description  Advanced Multi-channel Single Chip UHF Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor AX5051 Datasheet HTML 16Page - ON Semiconductor AX5051 Datasheet HTML 17Page - ON Semiconductor AX5051 Datasheet HTML 18Page - ON Semiconductor AX5051 Datasheet HTML 19Page - ON Semiconductor AX5051 Datasheet HTML 20Page - ON Semiconductor AX5051 Datasheet HTML 21Page - ON Semiconductor AX5051 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AX5051
www.onsemi.com
18
Table 17. PWRMODE REGISTER
PWRMODE Register
Typical Idd
Description
Name
0101
STANDBY
The crystal oscillator is powered on; receiver and transmitter are off.
650 mA
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and
receiver are still off. This mode is used to let the synthesizer settle on the
correct frequency for receive.
11 mA
1001
FULLRX
Synthesizer and receiver are running.
17 − 19 mA
1100
SYNTHTX
The synthesizer is running on the transmit frequency. Transmitter and
receiver are still off. This mode is used to let the synthesizer settle on the
correct frequency for transmit.
10 mA
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode
before the synthesizer has completely settled on the transmit frequency (in
SYNTHTX mode), otherwise spurious spectral transmissions will occur.
11 − 45 mA
Table 18. A TYPICAL PWRMODE SEQUENCE FOR A TRANSMIT SESSION
Step
PWRMODE
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3 ms.
3
SYNTHTX
The synthesizer settling time is 5 – 50 ms depending on settings, see section AC Characteristics
4
FULLTX
Data transmission
5
SYNTHTX
This step must be programmed after FULLTX mode, or the device will not enter
POWERDOWN or STANDBY mode.
6
POWERDOWN
Table 19. A TYPICAL PWRMODE SEQUENCE FOR A RECEIVE SESSION
Step
PWRMODE [3:0]
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3 ms.
3
SYNTHRX
The synthesizer settling time is 5 – 50 ms depending on settings, see section AC Characteristics
4
FULLRX
Data reception
5
POWERDOWN
Serial Peripheral Interface
The AX5051 can be programmed via a four wire serial
interface according SPI using the pins CLK, MOSI, MISO
and SEL. Registers for setting up the AX5051 are
programmed via the serial peripheral interface in all device
modes.
When the interface signal SEL is pulled low, a 16−bit
configuration data stream is expected on the input signal pin
MOSI, which is interpreted as D0...D7, A0...A6, R_N/W.
Data read from the interface appears on MISO.
Figure 3 shows a write/read access to the interface. The
data stream is built of an address byte including read/write
information and a data byte. Depending on the R_N/W bit
and address bits A[6..0], data D[7..0] can be written via
MOSI or read at the pin MISO.
R_N/W = 0 means read mode, R_N/W = 1 means write
mode.
The read sequence starts with 7 bits of status information
S[6..0] followed by 8 data bits.
The status bits contain the following information:
Table 20.
S6
S5
S4
S3
S2
S1
S0
PLL LOCK
FIFO OVER
FIFO UNDER
FIFO FULL
FIFO EMPTY
FIFOSTAT(1)
FIFOSTAT(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com