Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 5 Page - Dialog Semiconductor

  IW3614 Datasheet HTML 1Page - Dialog Semiconductor IW3614 Datasheet HTML 2Page - Dialog Semiconductor IW3614 Datasheet HTML 3Page - Dialog Semiconductor IW3614 Datasheet HTML 4Page - Dialog Semiconductor IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Rev. 0.7
iW3614
Page 5
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
I
SENSE SECTION (Pin 6)
Over-current limit threshold
V
OCP
1.83
1.89
1.95
V
Isense short protection reference
V
RSNS
0.16
V
CC regulation threshold limit (Note 4)
V
REG-TH
1.8
V
V
T SECTION (Pin 4)
Power limit high threshold (Note 4)
V
P-LIM(HI)
0.56
V
Power limit low threshold (Note 4)
V
P-LIM(LO)
0.44
V
Shutdown threshold (Note 4)
V
SH-TH
0.22
V
Input leakage current
I
IN(VT)
V
T = 1.0V
1
µA
Pull up current source
I
VT
90
100
110
µA
OUTPUT(TR) SECTION (Pin 1)
Output low level ON-resistance
R
DS-TR(ON)LO
I
SINK = 5mA
100
Ω
Output high level ON-resistance
R
DS-TR(ON)HI
I
SOURCE = 5mA
200
Ω
6.0 Electrical Characteristics (cont.)
Notes:
Note 1. Adjust V
CC above the start-up threshold before setting at 12V.
Note 2. These parameters are not 100% tested, guaranteed by design and characterization.
Note 3. Operating frequency varies based on the line and load conditions, see Theory of Operation for more details.
Note 4. These parameters refer to digital preset values, and are not 100% tested.
V
CC = 12V, -40°C ≤ TA ≤ 85°C, unless otherwise specified (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com