Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3614 Datasheet HTML 1Page - Dialog Semiconductor IW3614 Datasheet HTML 2Page - Dialog Semiconductor IW3614 Datasheet HTML 3Page - Dialog Semiconductor IW3614 Datasheet HTML 4Page - Dialog Semiconductor IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev. 0.7
iW3614
Page 4
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
V
CC = 12 V, -40°C ≤ TA ≤ 85°C, unless otherwise specified (Note 1)
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
V
IN SECTION (Pin 3)
Start-up current
I
INST
V
IN = 10 V, CVCC = 10 µF
10
15
µA
Input impedance
Z
IN
T
A = 25°C
2.5
kW
V
IN Range
V
IN
0
1.8
V
V
SENSE SECTION (Pin 2)
Input leakage current
I
IN(Vsense)
V
SENSE = 2V
1
μA
Nominal voltage threshold
V
SENSE(NOM)
T
A = 25°C, negative edge
1.523
1.538
1.553
V
Output OVP threshold
V
SENSE(MAX)
T
A = 25°C, negative edge
1.65
1.7
1.75
V
OUTPUT SECTION (Pin 7)
Output low level ON-resistance
R
DS(ON)LO
I
SINK = 5mA
30
W
Output high level ON-resistance
R
DS(ON)HI
I
SOURCE = 5mA
50
W
Rise time (Note 2)
t
R
T
A = 25°C, CL = 330pF
10% to 90%
50
ns
Fall time (Note 2)
t
F
T
A = 25°C, CL = 330pF
90% to 10%
30
ns
Maximum switching frequency
(Note 3)
f
SW(MAX)
200
kHz
V
CC SECTION (Pin 8)
Maximum operating voltage
V
CC(MAX)
16
V
Start-up threshold
V
CC(ST)
V
CC rising
11
12
13
V
Undervoltage lockout threshold
V
CC(UVL)
V
CC falling
7
7.5
8
V
Operating current
I
CCQ
C
L = 330 pF,
V
SENSE = 1.5V
4.1
4.7
mA
Zener diode clamp voltage
V
Z(CLAMP)
T
A= 25°C, IZ = 5mA
18.5
19
20.5
V
6.0 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com