Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor IW3614 Datasheet HTML 10Page - Dialog Semiconductor IW3614 Datasheet HTML 11Page - Dialog Semiconductor IW3614 Datasheet HTML 12Page - Dialog Semiconductor IW3614 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev. 0.7
iW3614
Page 9
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
AC line after
Wall-dimmer
AC line before Wall-
dimmer
Figure 9.2 : Trailing-Edge Wall Dimmer Waveforms
Dimmer detection, or discovery, takes place during the third
cycle after start-up. The controller determines whether no
dimmer exists, or there is a leading edge dimmer or a trailing
edge dimmer.
V
CROSS is internally generated by comparing the digitalized
V
IN signal to the threshold of 0.25V during dimming or
0.14V without a dimmer. The V
IN period (tPERIOD) is measured
between two consecutive rising edge zero-crossings. t
CROSS
is generated by the internal digital block (refer to Figure 9.3);
when V
IN_A is higher than 0.14V tCROSS is set to high and
when V
IN_A falls below 0.14V tCROSS is reset to zero. If tCROSS is
much shorter than the V
IN period then a dimmer is detected.
The controller uses the filtered derivatives to decide which
type of dimmer is present. A large positive derivative value
indicates a leading edge dimmer. Then the controller enters
leading edge dimmer mode; otherwise it enters trailing edge
dimmer mode.
During the dimmer detection stage, the OUTPUT(TR) keeps
high to turn on the switch FET in the chopping circuit. This
creates a resistive load for the wall dimmer.
0.14 V
OUTPUT(TR)
LED(EN)
VLED
VCROSS
VIN_A
tCROSS
tperiod
Figure 9.3 : Dimmer Detection
9.3 Dimmer Tracking and Phase
Measurements
The dimmer detection algorithm and the dimmer tracking
algorithm both depend on an accurate input voltage
period measurement. The V
IN period is measured during
the second cycle of the dimmer detection process and is
latched for use thereafter. Using the measured V
IN period
in subsequent calculations rather than a constant allows
for automatic 50-/60-Hz operation and allows for a 10%
frequency variation.
The phase measurement starts when V
IN exceeds the rising
threshold until V
IN falls below the falling threshold.
VCROSS
t
PERIOD
t
CROSS
t
0
0.14 V
Figure 9.4 : Dimmer Phase Measurement
The dimmer phase is calculated as:
Dimmer Phase
CROSS
PERIOD
t
t
=
(9.1)
The calculated dimmer phase is used to generate the signal
D
RATIO, which determines LED current. If the dimmer phase
is less than 0.14 then the D
RATIO is clamped at 0.14; if the
dimmer phase is greater than 0.7 then D
RATIO is clamped at
1.0; otherwise D
RATIO is calculated by equation 9.2.
12
Dimmer Phase
RATIO
D
KK
=
×−
(9.2)
Where, K
1 is set to 1.768 and K2 is set to 0.238.
Using V
Isense(NOM) to represent the nominal 100% LED current,
the V
Isense, which modulates the output LED current, is
controlled by:
()
Isense
Isense NOM
RATIO
VV
D
=
×
(9.3)
When D
RATIO is 1, the converter outputs 100% of nominal
power to the LED. If D
RATIO is 0.01, the converter outputs 1%
of nominal power to the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com