Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 2 Page - Dialog Semiconductor

  IW3614 Datasheet HTML 1Page - Dialog Semiconductor IW3614 Datasheet HTML 2Page - Dialog Semiconductor IW3614 Datasheet HTML 3Page - Dialog Semiconductor IW3614 Datasheet HTML 4Page - Dialog Semiconductor IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. 0.7
iW3614
Page 2
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
AC Input
From Dimmer
VOUT
RTN
+
U1
iW3614
NTC
Thermistor
OUTPUT(TR)
VSENSE
VIN
VT
VCC
OUTPUT
ISENSE
GND
1
2
3
8
7
6
4
5
+
Chopping
Circuit
Isolated Flyback
Converter
+
Pin #
Name
Type
Pin Description
1
OUTPUT(TR)
Output
Gate drive for chopping MOSFET switch
2
V
SENSE
Analog Input Auxiliary voltage sense (used for primary side regulation and ZVS)
3
V
IN
Analog Input Rectified AC line voltage sense
4
V
T
Analog Input External power limit and shutdown control
5
GND
Ground
Ground
6
I
SENSE
Analog Input Primary current sense (used for cycle-by-cycle peak current control and limit)
7
OUTPUT
Output
Gate drive for main MOSFET switch
8
V
CC
Power Input Power supply for control logic and voltage sense for power-on reset circuitry
iW3614
1
2
3
8
7
6
4
5
VCC
VSENSE
VIN
VT
ISENSE
GND
OUTPUT(TR)
OUTPUT
Figure 3.1 : Typical Application Circuit
4.0 Pinout Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com