Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW3614 Datasheet HTML 1Page - Dialog Semiconductor IW3614 Datasheet HTML 2Page - Dialog Semiconductor IW3614 Datasheet HTML 3Page - Dialog Semiconductor IW3614 Datasheet HTML 4Page - Dialog Semiconductor IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 0.7
iW3614
Page 1
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
1.0 Features
● Isolated AC/DC offline 100 V
AC / 230 VAC LED driver
● Meets harmonic requirements, high power factor
(power factor > 0.9 without dimmer)
● Line frequency ranges from 45Hz to 66Hz
● Intelligent wall dimmer detection
x
Leading-edge dimmer
x
Trailing-edge dimmer
x
No-dimmer detected
x
Unsupported dimmer
● Hybrid dimming scheme
● Wide dimming range from 1% up to 100%
● No visible flicker
● Resonant control to achieve high efficiency, 85% without
dimmer
● Temperature compensated LED current
● Small size design
x
Small size input bulk capacitor
x
Small size output capacitor
x
Small transformer
● Primary-side sensing eliminates the need for opto-
isolator feedback and simplifies design
● Tight LED current regulation ± 5%
● Fast start-up, typically 10µA start-up current
● Hot-plug LED module support
● Multiple protection features:
x
LED open circuit protection
x
Single-fault protection
x
Over-current protection
x
LED short circuit protection
x
Current sense resistor short circuit protection
x
Over-temperature protection
x
Input over-voltage protection
2.0 Description
The iW3614 is a high performance AC/DC offline power
supply controller for dimmable LED luminaires, which uses
advanced digital control technology to detect the dimmer
type and phase. The dimmer conduction phase controls
the LED brightness. The LED brightness is modulated by
PWM-dimming. iW3614’s unique digital control technology
eliminates visible flicker.
iW3614 can operate with all dimmer schemes including:
leading-edge dimmer, trailing-edge dimmer, as well as
other dimmer configurations such as R-type, R-C type or
R-L type. When a dimmer is not present, the controller can
automatically detect that there is no dimmer.
iW3614 operates in quasi-resonant mode to provide high
efficiency. The iW3614 provides a number of key built-
in features. The iW3614 uses iWatt’s advanced primary-
side sensing technology to achieve excellent line and load
regulation without secondary feedback circuitry. In addition,
iW3614’s pulse-by-pulse waveform analysis technology
allows accurate LED current regulation. The iW3614
maintains stability over all operating conditions without the
need for loop compensation components. Therefore, the
iW3614 minimizes external component count, simplifies EMI
design and lowers overall bill of materials cost.
3.0 Applications
● Dimmable LED luminaires
● Optimized for 3W - 15W output power
● Capable of higher output power with enhanced external
driver
iW3614


Similar Part No. - IW3614

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
IW3614-00 RENESAS-IW3614-00 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
IW3614-02-B3 RENESAS-IW3614-02-B3 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
More results

Similar Description - IW3614

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3912 SEAWARD-SE3912 Datasheet
60Kb / 3P
Low Power Off-Line Digital PWM AC/DC Controller
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3605 DIALOG-IW3605 Datasheet
425Kb / 6P
AC/DC Digital Power Controller for Bleederless
IW3609 DIALOG-IW3609 Datasheet
468Kb / 6P
AC/DC Digital Power Controller for Single-Stage
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
AC/DC Digital Power Controller for High Power
IW3640 DIALOG-IW3640 Datasheet
471Kb / 6P
AC/DC Digital Power Controller for Two-Channel
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
IW3612 RENESAS-IW3612 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com