Electronic Components Datasheet Search
  English  ▼

X  

IW3614 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button IW3614 Datasheet HTML 10Page - Dialog Semiconductor IW3614 Datasheet HTML 11Page - Dialog Semiconductor IW3614 Datasheet HTML 12Page - Dialog Semiconductor IW3614 Datasheet HTML 13Page - Dialog Semiconductor IW3614 Datasheet HTML 14Page - Dialog Semiconductor IW3614 Datasheet HTML 15Page - Dialog Semiconductor IW3614 Datasheet HTML 16Page - Dialog Semiconductor IW3614 Datasheet HTML 17Page - Dialog Semiconductor IW3614 Datasheet HTML 18Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Rev. 0.7
iW3614
Page 16
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
AC Input
From Dimmer
VOUT
RTN
+
U1
iW3614
NTC
OUTPUT(TR)
VSENSE
VIN
VT
VCC
OUTPUT
ISENSE
GND
1
2
3
8
7
6
4
5
+
L1
3.7 mH
R1
4.7 kΩ
L2
3.7 mH
R2
4.7 kΩ
F1
1A 250 V
CX1
10 nF
R3
300 kΩ
R4
300 kΩ
C12
100 pF
C11
EE10
R6
47 Ω
R10
R5
390 Ω
D3
ESIJ
D2
RSIM
Q2
02N6
C1
10 nF
C3
1 nF
D4
RSIM
D7
HER306G
R20
100 kΩ
R18
24 kΩ
R19
2.7 kΩ
D6
1N4148
3.3 Ω
R15
Q1
04N6
BR1
DB107
Q3
DMZ6005
4.0mH
22 nF/500 V
R8
120 kΩ
R9
120 kΩ
2 W
220 kΩ
+ C8
47 µF
10 Ω
R17
C4
100 pF
1 kΩ
D5
1N4148
10 Ω
R11
22 kΩ
C6
4.7 nF
25 V
C9
47 µF
50 V
L4
450 µH
L5
0.65 mH
R24
4.7 kΩ
CX2
22 nF
275 V
275 V
D1
RSIM
R22
24 kΩ
R26
100 kΩ
R25
100 kΩ
L3
R7
100 kΩ
250 V
500 V
+
C2
10 µF
450 V
100 kΩ
R12
C7
2.2 µF
25 V
R13
15 V
Z1
C5
22 pF
3.3 Ω
R14
11.0 Typical Application Schematic
Figure 11.1 : Schematic of a 40-V, 350-mA Dimmable LED Driver for 230-V
AC Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com