Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 14 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 14 Page - ELMOS Semiconductor AG

Back Button E981.03 Datasheet HTML 10Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 11Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 12Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 13Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 14Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 15Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 16Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 17Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 18Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
14/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
The KNX/ EIB - Interface is a full compatible KNX TP1
transceiver with autonomous Medium Access Control
and individual physical Address. The telegram on KNX
bus is analyzed and dependent on its contents and
The E981.03 has a full duplex UART interface to trans-
mit and receive bytes asynchronously. The protocol be-
tween E981.03 and host controller is a two-wire proto-
col with software handshake.
The UART host interface consists of the following three
parts
•
UART physical layer realizes media access and bit
decoding / encoding or output driver for KNX by-
pass in Analog Mode
1) Only necessary in case of the E981.03 being connected to a separate application module. These components only ensuring to
meet the absolute maximum rating in case of connecting and disconnecting the application module. If the connector guarantees
to connect GND potential first, the ESD protection is not needed.
Table 1. Recommended Components
Component Recommended value
Remarks
U1
model: SMAJ43CA, SMBJ43CA
D1
model: BYG21
C
ST
330 µF / 35 V
ESR < 1 Ω
C
CST
ceramic 100 nF / 35 V
±20%
C
20
22 µF / 35 V
ESR < 1 Ohm
L
SPS
330 µH, R
LSPS,typ = 3 Ω,RLSPS,max = 10 Ω, Isat,SPS = 160 mA, Tamb < 85 °C
±20%
C
VCC
47 µF / 6 V
0.2 Ω < ESR < 0.8 Ω
C
CVCC
ceramic 100 nF / 8V
±20%
C
CVIO
ceramic 100 nF / 8V
±20%
D
SPS
40 V, 200 mA, t
rr < 15 ns
e.g. BAT64
C
33I
ceramic 100 nF
±20%
R
TX
47 Ω
±5 % / 1 W
C
REC
Ceramic 56 nF
±10 %
Q
f = 7.3728 MHz, tolerance 50 ppm
Do not use external capaci-
tors or crystals with internal
capacitors.
R
SET
1)
1 kΩ
R
VCC
1)
1 kΩ
D
VIO
1)
6.2 V, 500 mW
R
TXL
10 kΩ
±1%
5 Interfaces Description
5.1 KNX/ EIB – Interface
communication mode, the data will be processed.
In Analog Mode, the signals SEND and REC are directly
bypassed to the host UART interface pins RXD and TXD.
5.2 UART – Interface
•
UART logical layer provides byte framing capabili-
ties
•
UART service layer defines control and data access
sequences
To secure UART communication, a CRC calculation for
receive and transmit path can be activated separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com