Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 48 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 48 Page - ELMOS Semiconductor AG

Back Button E981.03 Datasheet HTML 43Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 44Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 45Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 46Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 47Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 48Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 49Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 50Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 51Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
48/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Register Name
Address
Description
ADC_TEMPRES
0x39E
ADC result temperature scan
Register Name
Address
Description
AOUT_SRC
0x212
AOUT source select register
AOUT_CTRL
0x211
AOUT control register
AOUT_SRC value
Source
0x00
none; output is high impedance
0x01
temperature voltage
0x02
V
BUSP / 8 or VBUSP / 12 depending on AOUT_CTRL register setting
0x03
bandgap voltage
Table 69. Temperature supervision registers
Table 71. Analog monitor register
Table 73. Analog monitor multiplexer sources
Temperature Supervision Register
The temperature supervision is necessary for protection in case of high power dissipation in failure cases, for ex-
ample short circuit of supply outputs. For details read chapter 8.3 Temperature Supervision.
Analog Monitor Pin
The pin AOUT is used to monitor several voltages. For details read chapter 5.5 AOUT.
1) Access via UART service and SPI possible. For write access read the remarks of every bit carefully. In case of hard or soft reset
the register is reset to the hard reset value or soft reset value respectively.
back to Table 8 Register Table
back to Table 8 Register Table
ADC_TEMPRES
MSB
LSB
content
T7
T6
T5
T4
T3
T2
T1
T0
hard reset value
0
0
0
0
0
0
0
0
soft reset value
- (not reset)
access
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
AOUT_SRC
MSB
LSB
content
-
-
-
-
-
-
S1
S0
hard reset value
0
0
0
0
0
0
1
0
soft reset value
-
-
-
-
-
-
1
0
access
R
R
R
R
R
R
R/W 1)
R/W 1)
Table 70. ADC result temperature scan
Table 72. Source selector register for multiplexer on analog monitor pin
back to Table 8 Register Table
ADC_VIORES
MSB
LSB
content
V7
V6
V5
V4
V3
V2
V1
V0
hard reset value
0
0
0
0
0
0
0
0
soft reset value
- (not reset)
access
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
R 1)
Table 68. ADC result for the (scaled) voltage on V
IO
1) Access via UART service and SPI possible. In case of hard reset the register is reset to the hard reset value.
1) Access via UART service and SPI possible. In case of hard reset the register is reset to the hard reset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com