Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 39 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 39 Page - ELMOS Semiconductor AG

Back Button E981.03 Datasheet HTML 35Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 36Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 37Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 38Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 39Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 40Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 41Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 42Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 43Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
CURRENT_SLOPE
MSB
LSB
content
-
-
-
-
-
-
SL1
SL0
hard reset value
0
0
0
0
0
0
0
1
soft reset value
-
-
-
-
-
-
0
1
access
R
R
R
R
R
R
R/W 1)
R/W 1)
bit description
see following table for SL values.
back to Table 8 Register Table
Table 32. Set up the maximum bus current slope
1) Access via UART service and SPI possible. For write access read the remarks of every bit carefully. In case of hard or soft reset the
register is reset to the hard reset value or soft reset value respectively.
CLK_CTRL
MSB
LSB
content
-
-
-
-
-
EXT_Q
-
ENQ
hard reset value
0
0
0
0
0
0
0
1
soft reset value
-
-
-
-
-
0
-
1
access
R
R
R
R
R
W 1)
R
R/W 1)
bit description
EXT_Q :
„1“: XTAL is used as clock input from external clock source, EXTAL is left open and internal
capacitors are disconnected
„0“: a quartz is connected to XTAL and EXTAL
ENQ :
„1“: crystal or clock enabled
„0“: crystal or clock disabled and XTAL grounded useful e.g. for analog mode
CLK_FAC0
MSB
LSB
content
F7
F6
F5
F4
F3
F2
F1
F0
hard reset value
0
0
1
1
0
0
0
0
soft reset value
0
0
1
1
0
0
0
0
access
R/W 1)
R/W 1)
R/W 1)
R/W 1)
R/W 1)
R/W 1)
R/W 1)
R/W 1)
back to Table 8 Register Table
back to Table 8 Register Table
Table 35. Host clock control register
Table 36. Clock divider register (low part)
Register Name
Address
Description
CLK_CTRL
0x209
host clock control register
CLK_FAC0
0x20A
lower 8 bit of the clock divider register
CLK_FAC1
0x20B
upper 8 bit of the clock divider register
SL1
SL0
Slope limitation mode, mA/ms
0
0
0.25
0
1
0.5 (default)
1
0
1.25
1
1
2.5
Table 34. Clock registersSet up the maximum bus current slope
Table 33. Bus current slope selection values
1) For write access read the remarks of every bit carefully. In case of soft and hard reset the state machine writes mentioned values.
1) Access via UART service and SPI possible. For write access read the remarks of every bit carefully. In case of hard or soft reset the
register is reset to the hard reset value or soft reset value respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com