Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 49 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 49 Page - ELMOS Semiconductor AG

Back Button E981.03 Datasheet HTML 43Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 44Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 45Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 46Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 47Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 48Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 49Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 50Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 51Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
49/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
AOUT_CTRL value
Source
0
V
BUSP / 12
1
V
BUSP / 8
Table 75. Analog BUSP voltage multiplexer
1) Access via UART service and SPI possible. For write access read the remarks of every bit carefully. In case of hard or soft reset the
register is reset to the hard reset value or soft reset value respectively.
In case of VIO = 3.3 V and bus voltage divider selection of V
BUSP / 12 pin voltage AOUT will not be higher than VIO
even if V
BUSP / 12 is higher.
back to Table 8 Register Table
AOUT_CTRL
MSB
LSB
content
-
-
-
-
-
-
-
DIV
hard reset value
0
0
0
0
0
0
0
1
soft reset value
-
-
-
-
-
-
-
1
access
R
R
R
R
R
R
R
R/W 1)
Table 74. Bus voltage divider selection register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com