Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 18 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 18 Page - ELMOS Semiconductor AG

Back Button E981.03 Datasheet HTML 14Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 15Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 16Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 17Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 18Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 19Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 20Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 21Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 22Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
The main clock is generated by an internal RC oscilla-
tor. An external clock reference / crystal can be used to
achieve a system clock accuracy of approx 0.05%.
Two different synchronization clocks are useable:
1) Crystal at f
Q = 7.3728 MHz
•
default configuration
•
foot point capacitors are incl
2) Clock reference at f
XTAL,sync= 126.562 Hz
•
the crystal oscillator should be switched off
- EXT_Q to 1 in CLK_CTRL Register
5.9 Clock System
EXTAL
XTAL
Q1
1
0
OSCQ
OSCRC
CXTAL
CEXTAL
divider
DQ
PLL
CLKSPI
ACLK
CLKUART
CLKKNX
CLKMemory
E981.03
sync
CLKin
fXTAL,sync
e.g. from host
processor
XTAL
crystal
CLK source
Figure 7. Clock Generation
The sync - signal source could be a crystal oscilla-
tor (OSCQ) or an external VIO related digital clock on
XTAL(remark: absolute maximum rating “V”). The IC au-
tomatically detects the used mode and selects the cor-
rect internal signal path.
In Analog Mode no crystal and no external clock are re-
quired. To increase the robustness to EMI the input XTAL
shall be connected to GND if not used.
Save
Hard
reset
Soft
start
V
33I not ok
V
33I ok
Soft start
finished
Reset
condition
Voltage
VST
not ok
Voltage
VST ok
Receive Trigger
Telegram
Communication
Mode
End of alarm
telegram transmition
Alarm
Met alarm
condition
2)
No condition
Trigger
1)
6 Mode Depending Device Functions
Figure 8. Device Modes
1) Trigger mode only available from Normal Mode
2) Alarm mode not available in Analog Mode see chapter 6.5 Analog Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com