Electronic Components Datasheet Search
  English  ▼

X  

E981.03 Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E981.03
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.03 Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E981.03 Datasheet HTML 1Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 2Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 3Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 4Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 5Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 6Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 7Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 8Page - ELMOS Semiconductor AG E981.03 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
1 Absolute Maximum Ratings
Stresses beyond these absolute maximum ratings listed below may cause permanent damage to the device. These are stress rat-
ings only; operation of the device at these or any other conditions beyond those listed in the operational sections of this document
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. All voltages
with respect to ground. Currents flowing into terminals are positive, those drawn out of a terminal are negative.
Description
Symbol
Min
Max
Unit
BUSP voltage
V
BUSP
-0.3
55
V
BUSP voltage during surge pulse (t < 150µs)
V
BUSP_surge
-0.3
65
V
Junction temperature
T
J
-45
150
°C
Storage temperature
T
S
-45
150
°C
ESD immunity (human body model, this test can be ap-
plied between any two pins of the IC)
V
ESD,hbm
-2
2
kV
Voltage at digital and analog VIO pins:
RESET, SAVE, XTAL, INT, SETVCC, OTEMP, SCS, SCK, MOSI,
MISO, RXD, TXD, BS0, BS1, AOUT
V
-0.3 V
V
IO + 0.3 V
Voltage at WK pin
V
WK
-0.3
40
V
Voltage at VST pin
V
VST
-0.3
40
V
Voltage at SW pin
V
SW
-5 V
V
ST + 0.3 V
Voltage at VCC pin
V
VCC
-0.3
8
V
Voltage at VIO pin
V
VIO
-0.3
7
V
Overall current through digital and analog VIO pins
(latch up immunity):
RESET, SAVE, XTAL, INT, SETVCC, OTEMP, SCS, SCK, MOSI,
MISO, RXD, TXD, BS0, BS1, WK, AOUT
I
-100
100
mA
Current through digital and analog VIO pins
(latch up immunity):
RESET, SAVE, XTAL, INT, SETVCC, OTEMP, SCS, SCK, MOSI,
MISO, RXD, TXD, BS0, BS1, WK
I
-70
70
mA
Voltage at pin EXTAL
V
EXTAL
-0.3
+3.6
V
Input voltage at CREC pin
V
CREC
-15 V
V
BUSP
Voltage at pins RTXH, RTXL
V
RTX
-0.3 V
V
BUSP
Current through RTXL pin
I
RTXL
0
800
mA
Current through AOUT pin
I
AOUT
-10
10
mA
Voltage at pin V33I pin
V
V33I
-0.3
+3.6
V
Voltage at pin V20
V
V20
-0.3 V
V
ST + 0.3 V
2 Recommended Operation Conditions
Description
Condition
Symbol
Min
Typ
Max
Unit
Ambient temperature
T
amb
-25
25
85
°C
External storage capacitance 4)
C
ST
270
330
1000
µF
C
ST equivalent series resistance
R
ESR,CST
0.1
1
Ω
C
ST voltage capability
V
CST
35
V
Parallel ceramic capacitance VST to GND
C
CER,ST
80
100
120
nF
Average bus idle voltage
V
BUSP
20
30
33
V
20V supply external capacitance 7)
C
20
10
22
µF
C20 equivalent series resistance
R
ESR,C20
0.1
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com