Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 36 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 36 Page - Micronas

Back Button VPC3215C Datasheet HTML 32Page - Micronas VPC3215C Datasheet HTML 33Page - Micronas VPC3215C Datasheet HTML 34Page - Micronas VPC3215C Datasheet HTML 35Page - Micronas VPC3215C Datasheet HTML 36Page - Micronas VPC3215C Datasheet HTML 37Page - Micronas VPC3215C Datasheet HTML 38Page - Micronas VPC3215C Datasheet HTML 39Page - Micronas VPC3215C Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
36
Micronas
h’83
8
w/r
PIP OPERATION:
For VPCpip or VPCsingle:
bit[1:0]
the number of the inset picture to be
accessed in the x-direction
bit[3:2]
the number of the inset picture to be
accessed in the y-direction
bit[6:4]
000
start to write the inset picture with a frame
001
stop writing
010
fill the frame with the color COLFR1
011
fill the frame with the color COLFR2
100
fill the inset picture with a frame using
the color COLBGD
101
fill the inset picture w/o a frame using
the color COLBGD
110
start to write the inset picture w/o a frame
111
write the main picture
(only for VPCsingle)
For VPCmain:
bit[3:0]
reserved set to 0
bit[6:4]
000
start to display PIP
001
stop to display PIP
rest
reserved set to 0
bit[7]
0/1
processed/new command flag, normally
write 1. After the new PIP setting takes
effect, this bit is set to 0 to indicate
operation complete.
0PIPOPER
NSPX
NSPY
WRPIC
WRSTOP
WRFRCOL1
WRFRCOL2
WRBGD
WRBGDNF
WRPICNF
WRMAIN
DISSTARD
DISSTOP
NEWCMD
h’80
16
w/r
BACKGROUND COLOR:
bit[[4:0]
bit b7 to b3 of the chrominanc
component CR
bit[9:5]
bit b7 to b3 of the chrominanc
component CB
bit[15:10]
bit b7 to b2 of the luminance component Y
(all other bits of YCBCR are set to 0)
This register is updated when the PIPOPER register is written.
0COLBGD
h’81
16
w/r
FRAME COLOR 1:
Only used for PCpip or VPCsingle:
bit[[4:0]
bit b7 to b3 of the chrominanc
component CR
bit[9:5]
bit b7 to b3 of the chrominanc
component CB
bit[15:10]
bit b7 to b2 of the luminance component Y
(all other bits of YCBCR are set to 0)
This register is updated when the PIPOPER register is written.
h’3e0
COLFR1
h’82
16
w/r
FRAME COLOR 2:
only used for VPCpip or VPCsingle:
bit[[4:0]
bit b7 to b3 of the chrominanc
component CR
bit[9:5]
bit b7 to b3 of the chrominanc
component CB
bit[15:10]
bit b7 to b2 of the luminance component Y
(all other bits of YCBCR are set to 0)
This register is updated when the PIPOPER register is written.
h’501f
COLFR2
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com