Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 70 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 70 Page - Micronas

Back Button VPC3215C Datasheet HTML 66Page - Micronas VPC3215C Datasheet HTML 67Page - Micronas VPC3215C Datasheet HTML 68Page - Micronas VPC3215C Datasheet HTML 69Page - Micronas VPC3215C Datasheet HTML 70Page - Micronas VPC3215C Datasheet HTML 71Page - Micronas VPC3215C Datasheet HTML 72Page - Micronas VPC3215C Datasheet HTML 73Page - Micronas VPC3215C Datasheet HTML 74Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
70
Micronas
4.6.4.12. Characteristics, Clock Output Specification
Line-Locked Clock Pins: LLC1, LLC2
Fig. 4–18: Line-locked clock output pins
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
CL
Load capacitance
–
–
50
pF
13.5 MHz Line Locked Clock
1/T13
LLC1 Clock Frequency
12.5
–
14.5
MHz
tWL13
LLC1 Clock Low Time
22
–
–
ns
CL = 30 pF
tWH13
LLC1 Clock High Time
25
–
–
ns
CL = 30 pF
1/T27
LLC2 Clock Frequency
25
–
29
MHz
tWL27
LLC2 Clock Low Time
5
–
–
ns
CL = 30 pF
tWH27
LLC2 Clock High Time
10
–
–
ns
CL = 30 pF
16 MHz Line Locked Clock
1/T13
LLC1 Clock Frequency
14.8
–
17.2
MHz
18 MHz Line Locked Clock
1/T13
LLC1 Clock Frequency
16.6
–
19.4
MHz
common timings – all modes
tSK
Clock Skew
0
–
4
ns
tR, tF
Clock Rise/Fall TimeClock
–
–
5
ns
LLC1=13.5MHz, CL = 30 pF
tR, tF
Clock Rise/Fall TimeClock
–
–
10
ns
LLC2=27.0MHz, CL = 30 pF
VIL
Input Low Voltage
–
–
0.8
V
VIH
Input High Voltage
2.0
–
–
V
VOL
Output Low Voltage
–
–
0.4
V
IL = 2 mA
VOH
Output High Voltage
2.4
–
–
V
IH = –2 mA
(13.5 MHz
±7%)
(27 MHz
±7%)
LLC2
LLC1
VIL
VIH
VIL
VIH
tSK
tWL13
tWH13
T13
tR
tF
T27
tWL27
tWH27
tSK
tR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com