Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 42 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 42 Page - Micronas

Back Button VPC3215C Datasheet HTML 38Page - Micronas VPC3215C Datasheet HTML 39Page - Micronas VPC3215C Datasheet HTML 40Page - Micronas VPC3215C Datasheet HTML 41Page - Micronas VPC3215C Datasheet HTML 42Page - Micronas VPC3215C Datasheet HTML 43Page - Micronas VPC3215C Datasheet HTML 44Page - Micronas VPC3215C Datasheet HTML 45Page - Micronas VPC3215C Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
42
Micronas
h’2f
VGA mode select, pull-in range is limited to 2%
bit[1:0]
0
31.5 kHz
1
35.2 kHz
2/3
37.9 kHz
is set to 0 by FP if VGA = 0
bit[10]
0/1
disable/enable VGA mode
bit[11]
status bit, write 0, this bit is set to 1 to indicate
operation complete.
0
0
VGA_C
VGAMODE
VGA
Comb Filter
h’28
comb filter control register
bit[1:0]
notch filter select
00
flat frequency characteristic
01
min. peaked
10
med. peaked
11
max. peaked
bit[3:2]
diagonal dot reduction
00
min. reduction ... 11
max. reduction
bit[4:5]
horizontal difference gain
00
min. gain
... 11
max. gain
bit[7:6]
vertical difference gain
00
max. gain
... 11
min. gain
bit[11:8] vertical peaking gain
0
no vertical peaking... 15 max. vertical peaking
h’e7
3
1
2
3
0
COMB_UC
NOSEL
DDR
HDG
VDG
VPK
h’55
comb filter test register
bit[1:0]
reserved, set ot 0
bit[2]
0/1
disable/enable vertical peaking DC rejection filter
bit[3]
0/1
disable/enable vertical peaking coring
bit[11:4] reserved, set to 0
0
0
CMB_TST
DCR
COR
Color Processing
h’30
Saturation control
bit[11:0] 0...4095 (2070 corresponds to 100% saturation)
2070
ACC_SAT
h’17a
ACC PAL+ Helper gain adjust, gain is referenced to PAL burst,
allowed values from 256..1023
a value of zero allows manual adjust of Helper amplitude via ACCh
787
HLPGAIN
h’17d
ACC multiplier value for PAL+ Helper Signal
b[10:0]
eeemmmmmmmm m * 2–e
1280
ACCH
h’39
amplitude killer level (0:killer disabled)
25
KILVL
h’3a
amplitude killer hysteresis
5
KILHY
h’16c
automatic helper disable for nonstandard signals
bit[11:0] 0
automatic function disabled
bit[1:0]
01
enable
bit[11:2] 1..50 number of fields to switch on helper signal
0HLPDIS
h’dc
NTSC tint angle, ±512 = ±
π/4
0
TINT
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com