Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 74 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 74 Page - Micronas

Back Button VPC3215C Datasheet HTML 70Page - Micronas VPC3215C Datasheet HTML 71Page - Micronas VPC3215C Datasheet HTML 72Page - Micronas VPC3215C Datasheet HTML 73Page - Micronas VPC3215C Datasheet HTML 74Page - Micronas VPC3215C Datasheet HTML 75Page - Micronas VPC3215C Datasheet HTML 76Page - Micronas VPC3215C Datasheet HTML 77Page - Micronas VPC3215C Datasheet HTML 78Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
74
Micronas
Notes:
- NPIXmain and NLINmain: correspond to VPCmain
- NPIXPIP and NLINPIP: correspond to VPCsingle and VPCpip
- NROWfp and NPELfp: number of lines per field and number of pixels per line of a full picture
(e.g. NROWfp=288, NPELfp= 720 for PAL at 13.5 MHz)
- NROWsp and NPELsp: number of lines per field and number of pixels per line of a inset picture
The limits of the I2C register settings are given in Table
5–2. No range check and value limitation are carried
out in the field memory controller. An illegal setting of
these parameters leads to a error behavior of the PIP
function.
The PIP display is controlled by the commands written
into the register PIPOPER. For the VPCmain, the PIP
display is turned on or off by the commends DIS-
START and DISSTOP. For the VPCpip and VPCsingle, 8
commands are available:
– WRFRCOL1, WRFRCOL2: to fill the frame of a
inset picture with the color COLFR1 or COLFR2,
– WRBGD, WRBGDNF: to fill a inset picture with the
background color COLBGD,
– WRPIC, WRPICNF, WRSTOP: to start and stop to
write a inset picture with the active video,
– WRMAIN: to start write the main picture part outside
the inset picture(s) with the active video (only for
VPCsingle).
While WRPIC, WRSTOP, WRFRCOL1, WRFRCOL2
and WRBGD control a display with a frame (see Fig.
5–2), WRPICNF and WRBGDNF control a display
without a frame (see Fig. 5–3). The number of the inset
picture addressed by the current commend is given by
bits NSPX and NSPY in the register PIPOPER.
In the display window, the coordinate of the upper-left
corner of the inset picture with NSPX=0 and NSPY=0
is defined by the registers LINOFFS and PIXOFFS. If
maximal 4x4 inset pictures are used, no new setting of
these
registers
is
needed.
The
default
setting
LINOFFS=0 and PIXOFFS=0 takes effect. If more than
4x4 inset pictures are involved in a PIP application,
these inset pictures should be grouped, so that the
inset pictures in each group can be addressed by bits
NSPX and NSPY. For writing each group, the registers
LINOFFS and PIXOFFS should be set correctly (see
Fig.5–4).
Fig. 5–2: 4x4 inset pictures with frame
Table 5–2: Limits of the I2C register settings for programming a PIP mode
I2C register
VPCmain
VPCpip and VPCsingle
NPFB
NPFB
≥ NPIX
main + X, (X=2 for TI and X=0 for rest field memories) and
NPFB x NLINmain ≤ total field memory size
NPIX
0 < NPIX
≤ NPFB - X and
0 < NPIX
≤ NPEL
fp
0 < NPIX
≤ NPELsp
NLIN
NPFB x NLIN
≤ total field memory size and 0
≤ NLIN < NROW
fp
0
≤ NLIN < NROW
sp
HSTR
0
≤ HSTR < NPEL
fp - NPIXmain
0
≤ HSTR < NPEL
sp - NPIXPIP
VSTR
0
≤ VSTR < NLIN
fp - NLINmain
0
≤ VSTR < NLIN
sp - NLINPIP
PIXOFFS
not used
0
≤ PIXOFFS < NPIX
main - (number of pixels
of inset pictures to the right of PIXOFFS)
LINOFFS
not used
0
≤ LINOFFS < NLIN
main - (number of lines of
inset pictures below LINOFFS)
00
01
10
11
NSPX
00
01
10
11
NSPY
(LINOFFS, PIXOFFS)
display window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com