Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 66 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 66 Page - Micronas

Back Button VPC3215C Datasheet HTML 62Page - Micronas VPC3215C Datasheet HTML 63Page - Micronas VPC3215C Datasheet HTML 64Page - Micronas VPC3215C Datasheet HTML 65Page - Micronas VPC3215C Datasheet HTML 66Page - Micronas VPC3215C Datasheet HTML 67Page - Micronas VPC3215C Datasheet HTML 68Page - Micronas VPC3215C Datasheet HTML 69Page - Micronas VPC3215C Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
66
Micronas
4.6.4.9. Characteristics, Analog FB Input
Analog Video Output
VOUT
Output Voltage
Out:
VOUT
In:
VIN1
VIN2
VIN3
VIN4
1.7
2.0
2.3
VPP
VIN = 1 VPP, AGC= 0 dB
AGCVOUT
AGC step width, VOUT
1.333
dB
3 Bit Resolution=7 Steps
3 MSB’s of main AGC
DNLAGC
AGC Differential Non-Linearity
±0.5
LSB
VOUTDC
DC-level
1
V
clamped to Back porch
BW
VOUT Bandwidth
8
10
MHz
Input: –2 dBr of main ADC
range, CL≤10 pF
THD
VOUT Total Harmonic Distortion
–40
dB
Input: –2 dBr of main ADC
range, CL≤10 pF
1 MHz, 5 Harmonics
CLVOUT
Load Capacitance
VOUT
–
–
10
pF
ILVOUT
Output Current
–
–
±0.1
mA
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RFBIN
Input Resistance
FB1IN
1
M
Ω
Code Clamp–DAC=0
VFBIN
Full Scale Input Voltage
0.85
1.0
1.1
VPP
Threshold for FB-Monitor
0.5
0.65
0.8
VPP
BW
Bandwidth
8
10
MHz
–2 dBr input signal level
THD
Total Harmonic Distortion
−50
tbd
dB
1 MHz, 5 harmonics,
–2 dBr signal level
SINAD
Signal to Noise and Distortion
Ratio
tbd
37
dB
1 MHz, all outputs,
–2 dBr signal level
INL
Integral Non-Linearity
0.3
±1
LSB
Code Density,
DC-ramp
DNL
Differential Non-Linearity
0.2
±0.8
LSB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com