Electronic Components Datasheet Search
  English  ▼

X  

VPC3215C Datasheet(PDF) 19 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 19 Page - Micronas

Back Button VPC3215C Datasheet HTML 15Page - Micronas VPC3215C Datasheet HTML 16Page - Micronas VPC3215C Datasheet HTML 17Page - Micronas VPC3215C Datasheet HTML 18Page - Micronas VPC3215C Datasheet HTML 19Page - Micronas VPC3215C Datasheet HTML 20Page - Micronas VPC3215C Datasheet HTML 21Page - Micronas VPC3215C Datasheet HTML 22Page - Micronas VPC3215C Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
19
– Both the length and the number of active video lines
varies with the selected window parameters. For
compliance with the ITU-R656 recommendation, a
size of 720 samples per line must be selected for
each window.
– During blanked video lines SAV/EAV headers are
suppressed in pairs. To assure vertical sync detec-
tion the V-flag in the EAV header of the last active
video line is set to 1. Additionally, during field blank-
ing all SAV/EAV headers (with the V-flag set to 1)
are inserted.
Table 2–6: Coding of the SAV/EAV-header
The bits P0, P1, P2, and P3 are Hamming-coded pro-
tection bits.
Fig. 2–14: Output of video data with embedded reference headers (@27 MHz)
Fig. 2–15: Detailed data output (double-clock on)
Bit No.
Word
MSB
LSB
7
6
5
4
3
2
1
0
First
1
11
11
1
1
1
Second
00
00
000
0
Third
0
00
00
0
0
0
Fourth
T
F
V
H
P3
P2
P1
P0
F = 0 during field 1,
F = 1 during field 2
V = 0 during active lines V = 1 during vertical field blanking
H = 0 in SAV,
H = 1 in EAV
T = 1 (video task only)
1728 samples
constant during
horizontal blanking
Y=10hex; CR=CB=80hex
AVO
Digital
Video
Output
CB Y CR Y ...
dependent on window size
CB Y CR Y ...
SAV: ”start of active video” header
EAV: ”end of active video” header
Y DATA
AVO
LLC1
LLC2
80h
10h
SAV1
SAV2
SAV3
SAV4
CB1
Y1
CR1
Y2
CBn-1
Yn-1
CRn-1
Yn
EAV1
EAV2
EAV3
EAV4
80h
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com