Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8515 Datasheet HTML 2Page - Analog Devices AD8515 Datasheet HTML 3Page - Analog Devices AD8515 Datasheet HTML 4Page - Analog Devices AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8515–Typical Performance Characteristics
BANDWIDTH (MHz)
450
400
200
4.65
4.95
4.70
4.75
4.80
4.85
4.90
350
300
250
VS = 2.5V
TPC 1. Supply Current vs. Bandwidth
450
400
0
200
150
100
50
300
250
350
SUPPLY VOLTAGE (V)
6
12345
0
TPC 2. Supply Current vs. Supply Voltage
TEMPERATURE ( C)
500
300
–50
150
25
50
75
125
400
350
–25
0
100
450
VS = 5V
TPC 3. ISY vs. Temperature
BANDWIDTH
6
0
4.65
4.95
4.70
4.75
4.85
5
4
2
4.80
1
3
4.90
TPC 4. Supply Voltage vs. Bandwidth
LOAD CURRENT (mA)
160
140
0
020
5
10
15
80
60
40
20
120
100
VOL
VOH
VS = 2.5V
TPC 5. Output Voltage to Supply Rail vs. Load Current
270
225
–180
180
135
90
45
0
–45
–90
–135
FREQUENCY (Hz)
1k
50M
10k
1M
10M
100k
–80
80
60
40
20
0
–20
–40
–60
100
120
GAIN
PHASE
VS = 2.5V
AMPLITUDE = 20mV
TPC 6. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com