Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8515 Datasheet HTML 4Page - Analog Devices AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
AD8515
–8–
TEMPERATURE ( C)
15
25
16
–50
150
050
21
20
18
100
17
19
23
24
22
–ISC
+ISC
VS = 5V
TPC 13. ISC vs. Temperature
FREQUENCY (Hz)
0
0
0
0
0
0
0
0
0
VS = 2.5V
TPC 14. Voltage Noise Density
TIME (1s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
GAIN = 100k
TPC 15. Input Voltage Noise
TIME (200 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
VIN = 6.4V
VOUT
VIN
TPC 16. No Phase Reversal
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
CL = 50pF
VIN = 200mV
TPC 17. Small Signal Transient Response
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
CL = 500pF
VIN = 200mV
TPC 18. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com