Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD8515
–10–
FREQUENCY (Hz)
200
1k
10M
50
10k
100k
1M
0
100
GAIN = 100
GAIN = 10
GAIN = 1
VS = 0.9V
150
TPC 25. Output Impedance vs. Frequency
TIME (200 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 0.9V
VIN = 3.2V
VIN
VOUT
TPC 26. No Phase Reversal
TEMPERATURE ( C)
11
3
–50
150
50
7
5
0
100
9
VS = 5V
IL = 750 A
TPC 27. VOL vs. Temperature
TEMPERATURE ( C)
4.995
4.990
–50
150
50
4.994
4.992
0
100
4.991
4.993
VS = 5V
IL = 750 A
TPC 28. VOH vs. Temperature
TEMPERATURE ( C)
80
65
77
71
68
74
–50
150
50
0
100
VS = 5V
TPC 29. CMRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com