Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 1 Page - Analog Devices

  AD8515 Datasheet HTML 1Page - Analog Devices AD8515 Datasheet HTML 2Page - Analog Devices AD8515 Datasheet HTML 3Page - Analog Devices AD8515 Datasheet HTML 4Page - Analog Devices AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
a
AD8515
1.8 V Low Power CMOS Rail-to-Rail
Input/Output Operational Amplifier
FEATURES
Single-Supply Operation: 1.8 V to 5 V
Offset Voltage: 6 mV Max
Space-Saving SOT-23 and SC70 Packages
Slew Rate: 2.7 V/ s
Bandwidth: 5 MHz
Rail-to-Rail Input and Output Swing
Low Input Bias Current: 2 pA Typ
Low Supply Current @ 1.8 V: 450
A Max
APPLICATIONS
Portable Communications
Portable Phones
Sensor Interfaces
Laser Scanners
PCMCIA Cards
Battery-Powered Devices
New Generation Phones
Personal Digital Assistants
PIN CONFIGURATION
GENERAL DESCRIPTION
The AD8515 is a rail-to-rail amplifier that can operate from a
single-supply voltage as low as 1.8 V.
The AD8515 single amplifier, available in SOT-23-5L and
SC70-5L packages, is small enough to be placed next to sensors,
reducing external noise pickup.
The AD8515 is a rail-to-rail input and output amplifier with a
gain bandwidth of 5 MHz and typical offset voltage of 1 mV
from a 1.8 V supply. The low supply current makes these parts
ideal for battery-powered applications. The 2.7 V/
ms slew rate
makes the AD8515 a good match for driving ASIC inputs, such
as voice codecs.
The AD8515 is specified over the extended industrial tempera-
ture range (–40
∞C to +125∞C).
5-Lead SC70 and SOT-23
(KS and RT Suffixes)
1
2
3
5
4
IN
+IN
V+
OUT
AD8515
V–


Similar Part No. - AD8515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515 AD-AD8515 Datasheet
290Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8515AKS-R2 AD-AD8515AKS-R2 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL AD-AD8515AKS-REEL Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL7 AD-AD8515AKS-REEL7 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results

Similar Description - AD8515

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com