Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD8515
–9–
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 2.5V
CL = 300pF
VIN = 4V
TPC 19. Large Signal Transient Response
TIME (2 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 1.5V
GAIN = –40
VIN = 100mV
VIN
VOUT
100mV
0V
0V
2V
TPC 20. Saturation Recovery
TIME (2 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 1.5V
GAIN = –40
VIN = 100mV
–100mV
0V
2V
0V
VIN
VOUT
TPC 21. Saturation Recovery
FREQUENCY (Hz)
10k
100M
100k
1M
10M
120
100
–80
80
60
40
20
0
–20
–40
–60
VS = 1.5V
AMPLITUDE = 50mV
TPC 22. CMRR vs. Frequency
TIME (1 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VS = 0.9V
CL = 50pF
VIN = 200mV
TPC 23. Small Signal Transient Response
FREQUENCY (Hz)
10k
30M
100k
1M
10M
120
100
–80
80
60
40
20
0
–20
–40
–60
270
225
–180
180
135
90
45
0
–45
–90
–135
VS = 0.9V
AMPLITUDE = 20mV
TPC 24. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com