Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices AD8515 Datasheet HTML 15Page - Analog Devices AD8515 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. B
AD8515
–12–
Full Power Bandwidth
The slew rate of an amplifier determines the maximum frequency
at which it can respond to a large input signal. This frequency
(known as full power bandwidth, FPBW) can be calculated
from the equation
FPBW
SR
V
PEAK
=
¥
2
p
for a given distortion. The FPBW of AD8515 is shown in Figure 3
to be close to 200 kHz.
TIME (2 s/DIV)
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
VIN
VOUT
Figure 3. Full Power Bandwidth
A MICROPOWER REFERENCE VOLTAGE GENERATOR
Many single-supply circuits are configured with the circuit biased
to one-half of the supply voltage. In these cases, a false ground
reference can be created by using a voltage divider buffered by
an amplifier. Figure 4 shows the schematic for such a circuit. The
two 1 M
W resistors generate the reference voltages while drawing
only 0.9
mA of current from a 1.8 V supply. A capacitor connected
from the inverting terminal to the output of the op amp provides
compensation to allow for a bypass capacitor to be connected at
the reference output. This bypass capacitor helps establish an ac
ground for the reference output.
0.9V TO 2.5V
AD8515
1
3
2
C2
0.022 F
R4
100
C1
1 F
V–
V+
1.8V TO 5V
U1
R2
1M
C3
1 F
R1
1M
R3
10k
Figure 4. Micropower Voltage Reference Generator
A 100 kHz Single-Supply Second Order Band-Pass Filter
The circuit in Figure 5 is commonly used in portable applications
where low power consumption and wide bandwidth are required.
This figure shows a circuit for a single-supply band-pass filter
with a center frequency of 100 kHz. It is essential that the op
amp has a loop gain at 100 kHz in order to maintain an accurate
center frequency. This loop gain requirement necessitates the
choice of an op amp with a high unity gain crossover frequency,
such as the AD8515. The 4.5 MHz bandwidth of the AD8515
is sufficient to accurately produce the 100 kHz center frequency,
as the response in Figure 6 shows. When the op amp’s bandwidth
is close to the filter’s center frequency, the amplifier’s internal
phase shift causes excess phase shift at 100 kHz, which alters
the filter’s response. In fact, if the chosen op amp has a bandwidth
close to 100 kHz, the phase shift of the op amps will cause the
loop to oscillate.
A common-mode bias level is easily created by connecting the
noninverting input to a resistor divider consisting of two resistors
connected between VCC and ground. This bias point is also
decoupled to ground with a 1
mF capacitor.
f
RC
f
RC
H
R
R
VCC
V
V
L
H
=
¥¥
=
¥¥
=+
=-
1
21
1
1
21
1
1
2
1
18
5
0
p
p
.
where:
fL is the low –3 db frequency.
fH is the high –3 db frequency.
H0 is the midfrequency gain.
VOUT
AD8515
1
3
4
C6
10pF
V–
V+
VCC
U9
R6
1M
R8
1M
R2
20k
R5
2k
R1
5k
C1
2nF
V11
400mV
VCC
C3
1 F
0
0
Figure 5. Second Order Band-Pass Filter
FREQUENCY (Hz)
2
0
1k
100M
10k
100k
1M
10M
1
Figure 6. Frequency Response of the Band-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com