Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 60Page - STMicroelectronics ADE3300 Datasheet HTML 61Page - STMicroelectronics ADE3300 Datasheet HTML 62Page - STMicroelectronics ADE3300 Datasheet HTML 63Page - STMicroelectronics ADE3300 Datasheet HTML 64Page - STMicroelectronics ADE3300 Datasheet HTML 65Page - STMicroelectronics ADE3300 Datasheet HTML 66Page - STMicroelectronics ADE3300 Datasheet HTML 67Page - STMicroelectronics ADE3300 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
SRGB Block
ADE3XXX
64/88
2.18
SRGB Block
The sRGB block performs two primary functions:
1. Parametric gamma correction on multiple windows or full screen for video enhancement in a
window and digital contrast/brightness control. The window coordinates are set by TCON
registers.
2. 3D color cube warping RGB color space.
2.18.1 Parametric Gamma Correction and Digital Contrast/Brightness Control
The function is applied to the entire window by programming the window control to full screen.
Each color channel acts independently. Simple digital contrast and brightness are programmable
with this hardware function. The desired window coordinates are programmed into the TCON.
2.18.2 Color Space Warp
The 8 corners of the color cube are independently controlled in 3D space with smooth interpolation
of intermediate colors. Registers are 2’s complement color delta’s. For example, to make WHITE
more like RED, program SRGB_WHITE_R to a small positive value.
PGEN_P1_SEQ_COL6_COL7
0x0640
[7]
Reserved
R/W
[6:4]
0x0
Pattern 1 Bar 7 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 1 Bar 6 Color
PGEN_B_TOP_BOTTOM
0x0641
R/W
[7]
0x0
Top Border Enable
R/W
[6]
0x0
Top Border Red; 0 = Off, 1= On
R/W
[5]
0x0
Top Border Green; 0 = Off, 1= On
R/W
[4]
0x0
Top Border Blue; 0 = Off, 1= On
R/W
[3]
0x0
Bottom Border Enable
R/W
[2]
0x0
Bottom Border Red; 0 = Off, 1= On
R/W
[1]
0x0
Bottom Border Green; 0 = Off, 1= On
R/W
[0]
0x0
Bottom Border Blue; 0 = Off, 1= On
PGEN_B_LEFT_RIGHT
0x0642
R/W
[7]
0x0
Left Border Enable
R/W
[6]
0x0
Left Border Red; 0 = Off, 1= On
R/W
[5]
0x0
Left Border Green; 0 = Off, 1= On
R/W
[4]
0x0
Left Border Blue; 0 = Off, 1= On
R/W
[3]
0x0
Right Border Enable
R/W
[2]
0x0
Right Border Red; 0 = Off, 1= On
R/W
[1]
0x0
Right Border Green; 0 = Off, 1= On
R/W
[0]
0x0
Right Border Blue; 0 = Off, 1= On
PGEN_X_TOTAL_L
0x0643
R/W
[7:0]
0x0
Total Horizontal Size [7:0]
PGEN_X_TOTAL_H
0x0644
[7:4]
Reserved
R/W
[3:0]
0x0
Total Horizontal Size [11:8]
PGEN_Y_TOTAL_L
0x0645
R/W
[7:0]
0x0
Total Vertical Size [7:0]
PGEN_Y_TOTAL_H
0x0646
[7:4]
Reserved
R/W
[3:0]
0x0
Total Vertical Size [11:8]
Table 21: PGEN Registers (Sheet 4 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com