Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 80Page - STMicroelectronics ADE3300 Datasheet HTML 81Page - STMicroelectronics ADE3300 Datasheet HTML 82Page - STMicroelectronics ADE3300 Datasheet HTML 83Page - STMicroelectronics ADE3300 Datasheet HTML 84Page - STMicroelectronics ADE3300 Datasheet HTML 85Page - STMicroelectronics ADE3300 Datasheet HTML 86Page - STMicroelectronics ADE3300 Datasheet HTML 87Page - STMicroelectronics ADE3300 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
Preliminary Thermal Data
ADE3XXX
84/88
3.4
Preliminary Thermal Data
3.5
Preliminary DC Specifications
Test Conditions: DVDD33 = AVDD33 = 3.3V, DVDD18 = AVDD18 = XVDD18 = LVDD18 = 1.8V, and
TAMB = 25°C
3.5.1
LVTTL 5 Volt Tolerant Inputs With Hysteresis
YUV[0:7], YUVCLK, HSYNC, VSYNC, CSYNC, TCON_IN, SCL, RESETN
3.5.2
LVTTL 5 Volt Tolerant Inputs
XCLK_EN
3.5.3
LVTTL 5 Volt Tolerant I/O With Hysteresis
SDA
3.5.4
LVTTL Outputs
OBA[0:7], OGA[0:7], ORA[0:7], OBB[0:7], OGB[0:7], ORB[0:7], OHS, OVS, ODE, OCLK
Symbol
Parameter
Min
Typ
Max
Unit
RthJA
Junction-to-Ambient Thermal Resistance
25
°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
High Level Input voltage
2.0
V
VIL
Low Level Input voltage
0.8
V
VHYST
Schmitt trigger hysteresis
0.4
V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
High Level Input voltage
2.0
V
VIL
Low Level Input voltage
0.8
V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
High Level Input voltage
2.0
V
VIL
Low Level Input voltage
0.8
V
VHYST
Schmitt trigger hysteresis
0.4
V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
High Level Input voltage
2.0
V
VIL
Low Level Input voltage
0.8
V
IIH
High Level Input current
VIN = VDD
-10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com