Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 69Page - STMicroelectronics ADE3300 Datasheet HTML 70Page - STMicroelectronics ADE3300 Datasheet HTML 71Page - STMicroelectronics ADE3300 Datasheet HTML 72Page - STMicroelectronics ADE3300 Datasheet HTML 73Page - STMicroelectronics ADE3300 Datasheet HTML 74Page - STMicroelectronics ADE3300 Datasheet HTML 75Page - STMicroelectronics ADE3300 Datasheet HTML 76Page - STMicroelectronics ADE3300 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
73/88
ADE3XXX
Flicker Block
FLK_FRAME_CNT_MAX
0x0CA3
R/W
[7:0]
0x8
Number of Frames to complete one
measurement
total number of pixels in a line is:
FRAME_CNT_MAX x (2 ^ (3 +
HBLOCK_SIZE) )
example: HBLOCK_SIZE = 4;
FRAME_CNT_MAX = 8;
In each frame only one portion of the image
is being scored. The width of that portion is
2 ^ (3 + HBLOCK_SIZE) = 128 pixels and
the height is the full height of the image.
Thus the total scored area after 8 frames is
128 x 8 = 1024 pixels wide.
FLK_MEAS0_0
0x0CB1
R/W
[7:0]
0x0
Score for Pattern 0
FLK_MEAS0_1
0x0CB2
R/W
[7:0]
FLK_MEAS0_2
0x0CB3
R/W
[7:0]
FLK_MEAS0_3
0x0CB4
R/W
[7:0]
FLK_MEAS1_0
0x0CB5
R/W
[7:0]
0x0
Score for Pattern 1
FLK_MEAS1_1
0x0CB6
R/W
[7:0]
FLK_MEAS1_2
0x0CB7
R/W
[7:0]
FLK_MEAS1_3
0x0CB8
R/W
[7:0]
FLK_MEAS2_0
0x0CB9
R/W
[7:0]
0x0
Score for Pattern 2
FLK_MEAS2_1
0x0CBA
R/W
[7:0]
FLK_MEAS2_2
0x0CBB
R/W
[7:0]
FLK_MEAS2_3
0x0CBC
R/W
[7:0]
FLK_MEAS3_0
0x0CBD
R/W
[7:0]
0x0
Score for Pattern 3
FLK_MEAS3_1
0x0CBE
R/W
[7:0]
FLK_MEAS3_2
0x0CBF
R/W
[7:0]
FLK_MEAS3_3
0x0CC0
R/W
[7:0]
FLK_MEAS4_0
0x0CC1
R/W
[7:0]
0x0
Score for Pattern 4
FLK_MEAS4_1
0x0CC2
R/W
[7:0]
FLK_MEAS4_2
0x0CC3
R/W
[7:0]
FLK_MEAS4_3
0x0CC4
R/W
[7:0]
FLK_MEAS5_0
0x0CC5
R/W
[7:0]
0x0
Score for Pattern 5
FLK_MEAS5_1
0x0CC6
R/W
[7:0]
FLK_MEAS5_2
0x0CC7
R/W
[7:0]
FLK_MEAS5_3
0x0CC8
R/W
[7:0]
FLK_MEAS6_1
0x0CC9
R/W
[7:0]
0x0
Score for Pattern 6
FLK_MEAS6_2
0x0CCA
R/W
[7:0]
FLK_MEAS6_3
0x0CCB
R/W
[7:0]
FLK_MEAS6_4
0x0CCC
R/W
[7:0]
Table 26: Flicker Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com