Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 49Page - STMicroelectronics ADE3300 Datasheet HTML 50Page - STMicroelectronics ADE3300 Datasheet HTML 51Page - STMicroelectronics ADE3300 Datasheet HTML 52Page - STMicroelectronics ADE3300 Datasheet HTML 53Page - STMicroelectronics ADE3300 Datasheet HTML 54Page - STMicroelectronics ADE3300 Datasheet HTML 55Page - STMicroelectronics ADE3300 Datasheet HTML 56Page - STMicroelectronics ADE3300 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
53/88
ADE3XXX
Output Sequencer Block
Table 19: Output Sequencer Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
OSQ_CONTROL
0x0BC1
R
[7]
out_vmax detected, sticky bit
R/W
[6]
0x0
out_vmax detect reset
R/W
[5]
0x0
interlace enable
R/W
[4]
0x0
fractional line extend
0: +1
1: +2
R/W
[3]
0x0
frame lock reference
0: last input pixel
1: first input pixel
R/W
[2]
0x0
frame lock selection
0: last line variable
1: fixed line length
R
[1]
shutdown ready - current frame has completed,
panel can now be shut down
R/W
[0]
0x0
run sequencer when 1, otherwise stop at the
end of the frame and set shutdown ready flag
(bit [1])
OSQ_CLOCK_FRAC
0x0BC2
R/W
[7:0]
0x0
the fraction of lines (/256) that are extended
OSQ_OUT_HTOTAL_L
0x0BC3
R/W
[7:0]
0x0
nominal output horizontal total [7:0]
OSQ_OUT_HTOTAL_H
0x0BC4
[7:4]
Reserved
R/W
[3:0]
0x0
nominal output horizontal total [11:8]
OSQ_OUT_VTOTAL_MIN_L
0x0BC5
R/W
[7:0]
0x0
minimum output vertical total, used to rearm for
vert_enab trigger [7:0]
OSQ_OUT_VTOTAL_MIN_H
0x0BC6
[7:4]
Reserved
R/W
[3:0]
0x0
minimum output vertical total, used to rearm for
vert_enab triggers [11:8]
OSQ_VTOTAL_MAX_L
0x0BC7
R/W
[7:0]
0x0
maximum output vertical total, prevents panel
burn with loss of vert_enab trigger [7:0]
OSQ_VTOTAL_MAX_H
0x0BC8
[7:4]
Reserved
R/W
[3:0]
0x0
maximum output vertical total, prevents panel
burn with loss of vert_enab triggers [11:8]
OSQ_VERTEN_DLY_E_L
0x0BC9
R/W
[7:0]
0x0
delay of the vert_enab signal to the reset of the
horizontal and vertical counters, even and non-
interlaced modes [15:0]
OSQ_VERTEN_DLY_E_M
0x0BCA
R/W
[7:0]
0x0
OSQ_VERTEN_DLY_E_H
0x0BCB
[7:4]
Reserved
R/W
[3:0]
0x0
delay of the vert_enab signal to the reset of the
horizontal and vertical counters, even and non-
interlaced [19:16]
OSQ_VERTEN_DLY_O_L
0x0BCC
R/W
[7:0]
0x0
delay of the vert_enab signal to the reset of the
horizontal and vertical counters, odd frame in
interlace mode only [15:0]
OSQ_VERTEN_DLY_O_M
0x0BCD
R/W
[7:0]
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com