Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 71Page - STMicroelectronics ADE3300 Datasheet HTML 72Page - STMicroelectronics ADE3300 Datasheet HTML 73Page - STMicroelectronics ADE3300 Datasheet HTML 74Page - STMicroelectronics ADE3300 Datasheet HTML 75Page - STMicroelectronics ADE3300 Datasheet HTML 76Page - STMicroelectronics ADE3300 Datasheet HTML 77Page - STMicroelectronics ADE3300 Datasheet HTML 78Page - STMicroelectronics ADE3300 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
75/88
ADE3XXX
Output Mux Block
2.23
Output Mux Block
Table 28: APC Registers
Register Name
Addr
Mode
Bits
Default
Description
APC_APC0
0x0C20
[7]
Reserved
R/W
[6:5]
0x0
Frame Modulation Period - 1
R/W
[4:1]
0x0
0x0 - 0x3: 8b Out
0x4: 4-bit Output
0x5: 5-bit Output
0x6: 6-bit Output
0x7: 7-bit Output
0x8: 8-bit Output
R/W
[0]
0x0
0: normal
1: disable APC -- truncate LSBs
APC_APC1
0x0C21
[7:2]
Reserved
R/W
[1]
0x0
Offset the Phase LUT
R/W
[0]
0x0
Offset the Dither LUT
Table 29: Output Mux Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
OMUX_CTRL_0
0x0C30
R/W
[7]
0x0
in 2 ppc,
0: data invert for A+B comb.
1: data invert A/B separate
R/W
[6:4]
0x0
0x0 - 0x4: right shift per 8b R/G/B
0x5 - 0x7: Reserved
R/W
[3]
0x0
0: normal
1: flip MSBs to LSBs
R/W
[2]
0x0
0: normal
1: swap R and B data
R/W
[1]
0x0
0: in 1 ppc, A channel active
0: in 2 ppc, Left on A, Right on B
1: in 1 ppc, B channel active
1: 2ppc, Left on B, Right on A
R/W
[0]
0x0
0: single wide, one pix/clk (ppc)
1: double wide, two pix/clk
OMUX_CTRL_1
0x0C31
R/W
[7]
0x0
Vsync Output Polarity
R/W
[6]
0x0
Hsync Output Polarity
R/W
[5]
0x0
Data Enable Output Polarity
R/W
[4]
0x0
Clock Output Invert
R/W
[3]
0x0
Data Invert Output Polarity
R/W
[2]
0x0
Data Invert Enable
R/W
[1]
0x0
0: TCON outputs set to zero
1: TCON outputs active
R/W
[0]
0x0
0: all data outputs set to zero
1: output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com