Electronic Components Datasheet Search
  English  ▼

X  

ADE3300 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 33Page - STMicroelectronics ADE3300 Datasheet HTML 34Page - STMicroelectronics ADE3300 Datasheet HTML 35Page - STMicroelectronics ADE3300 Datasheet HTML 36Page - STMicroelectronics ADE3300 Datasheet HTML 37Page - STMicroelectronics ADE3300 Datasheet HTML 38Page - STMicroelectronics ADE3300 Datasheet HTML 39Page - STMicroelectronics ADE3300 Datasheet HTML 40Page - STMicroelectronics ADE3300 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
37/88
ADE3XXX
Sync Measurement Block
SMEAS_ANA_ACT
0x0140
[7:5]
0x0
Reserved
R
[4]
0x0
Composite sync is active
R
[3]
0x0
Vsync from SOG separator is active
R
[2]
0x0
Comp vsync from composite sync separator
is active
R
[1]
0x0
Analog hsync is active
R
[0]
0x0
Analog vsync is active
SMEAS_DVI_ACT
0x0141
[7:2]
0x0
Reserved
R
[1]
0x0
DVI enable is active
R
[0]
0x0
DVI clk / 1K is active
SMEAS_YUV_ACT
0x0142
[7:5]
0x0
Reserved
R
[4]
0x0
TCON vsync is active.
R
[3]
0x0
TCON hsync is active.
R
[2]
0x0
TCON enable is active.
R
[1]
0x0
YUV enable is active.
R
[0]
0x0
YUV clk / 1K is active.
SMEAS_ANA_STUCK
0x0143
[7:5]
0x0
Reserved
R
[4]
0x0
Comp sync is stuck at 1(high)/0(low)
R
[3]
0x0
Vsync from SOG separator is stuck at
1(high)/0(low)
R
[2]
0x0
Comp vsync from separator is stuck at
1(high)/0(low)
R
[1]
0x0
Analog hsync is stuck at 1(high)/0(low)
R
[0]
0x0
Analog vsync is stuck at 1(high)/0(low)
SMEAS_DVI_STUCK
0x0144
[7:2]
0x0
Reserved
R
[1]
0x0
DVI data enable is stuck at 1(high)/0(low)
R
[0]
0x0
DVI clk / 1K is stuck at 1(high)/0(low)
SMEAS_YUV_STUCK
0x0145
R
[7:5]
0x0
Reserved
R
[4]
0x0
TCON vsync is stuck at 1(high)/0(low)
R
[3]
0x0
TCON hsync is stuck at 1(high)/0(low)
R
[2]
0x0
TCON data enable is stuck at 1(high)/0(low)
R
[1]
0x0
YUV data enable is stuck at 1(high)/0(low)
R
[0]
0x0
YUV clk / 1K is stuck at 1(high)/0(low)
SMEAS_XK_PER_H_L
0x0146
R
[7:0]
0x0
XCLKs per horizontal event - 1
SMEAS_XK_PER_H_M
0x0147
R
[7:0]
0x0
SMEAS_XK_PER_H_H
0x0148
R
[7:0]
0x0
SMEAS_XK_PER_V_L
0x0149
R
[7:0]
0x0
XCLKs per vertical event - 1
SMEAS_XK_PER_V_M
0x014A
R
[7:0]
0x0
SMEAS_XK_PER_V_H
0x014B
R
[7:0]
0x0
Table 13: Sync Measurement Registers (Sheet 6 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com