Electronic Components Datasheet Search
  English  ▼

X  

MIC24045 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 23Page - Microchip Technology MIC24045 Datasheet HTML 24Page - Microchip Technology MIC24045 Datasheet HTML 25Page - Microchip Technology MIC24045 Datasheet HTML 26Page - Microchip Technology MIC24045 Datasheet HTML 27Page - Microchip Technology MIC24045 Datasheet HTML 28Page - Microchip Technology MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 27
MIC24045
6.0
MIC24045 DEFAULT SETTINGS
VALUES AT POWER-UP
Part number MIC24045-XXYFL also designates
different default settings values at power-up, before
any I2C writing operation takes place. These values are
programmed at factory.
Different default settings are obtained by burning an
OTP memory (fuses). The XX code corresponds to a
certain combination of output voltage, switching
frequency, nominal load current and soft-start ramp
rate. Start-up delay and voltage margining always
default to 0 ms and 0%. The blank (all zeros) OTP
memory option has a special code (2Z).
The standard default settings are as shown in
Table 6-1. For availability of other default settings,
contact the nearest Microchip Sales Office.
When
power
is
cycled,
the
MIC24045
user-programmable
registers
return
to
the
factory-programmed
default
settings
values,
regardless of any prior settings through I2C bus. Note
that the EN pin does NOT act as a Reset signal for the
user-programmable registers, only the internal POR
(Power-on Reset) based on the VDDA voltage UVLO
does (see Functional Block Diagram).
TABLE 6-1:
STANDARD DEFAULT SETTINGS
Full Part Number
Code
VOUT (V)
Frequency
Load Current
Reference
Soft-Start Rate
MIC24045-2ZYFL
2Z
0.64
310 kHz
2A
0.16V/ms
MIC24045-DIYFL
DI
1.0
780 kHz
5A
0.38V/ms
MIC24045-EIYFL
EI
1.2
780 kHz
5A
0.38V/ms
MIC24045-JFYFL
JF
3.3
570 kHz
5A
0.38V/ms
MIC24045-KDYFL
KD
5.0
570 kHz
3A
0.38V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com