Electronic Components Datasheet Search
  English  ▼

X  

MIC24045 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology MIC24045 Datasheet HTML 10Page - Microchip Technology MIC24045 Datasheet HTML 11Page - Microchip Technology MIC24045 Datasheet HTML 12Page - Microchip Technology MIC24045 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 9
MIC24045
Note:
Unless otherwise indicated, VIN =12V, fS = 660 kHz, ILIM =ILIM_LS3, L = 2.2 µH, TA =+25°C.
FIGURE 2-7:
OUTSNS Voltage vs.
Temperature.
FIGURE 2-8:
OUTSNS Voltage
vs.Temperature.
FIGURE 2-9:
OUTSNS Voltage
vs.Temperature.
FIGURE 2-10:
RDS(on) vs. Temperature.
FIGURE 2-11:
Error Amplifier
Transconductance vs. Temperature.
FIGURE 2-12:
Error Amplifier Output
Current vs. Temperature.
1.796
1.797
1.798
1.799
1.8
1.801
1.802
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
V
OUT = 1.8V
I
OUT = 0 mA
f
s = 660 kHz
3.297
3.298
3.299
3.3
3.301
3.302
3.303
3.304
3.305
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
V
OUT = 3.3V
I
OUT = 0 mA
f
s = 660 kHz
5.001
5.002
5.003
5.004
5.005
5.006
5.007
5.008
5.009
5.01
5.011
5.012
5.013
5.014
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
V
OUT = 5.0V
I
OUT = 0 mA
f
s = 660 kHz
10
20
30
40
50
60
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Low Side
High Side
1
1.1
1.2
1.3
1.4
1.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
-600
-400
-200
0
200
400
600
-40 -25 -10
5
203550658095 110 125
Temperature (°C)
Sourcing
Sinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com