Electronic Components Datasheet Search
  English  ▼

X  

MIC24045 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 5 Page - Microchip Technology

  MIC24045 Datasheet HTML 1Page - Microchip Technology MIC24045 Datasheet HTML 2Page - Microchip Technology MIC24045 Datasheet HTML 3Page - Microchip Technology MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 5
MIC24045
LS Current Limit 3
ILIM_LS3
5.0
6.2
8.5
A
OC Events Count for Hiccup
INHICC_DE
—15—
Clock
Cycles
Number of subsequent cycles in
current limit before entering hiccup
overload protection.
Hiccup Wait Time
tHICC_WAIT
—13.5V/
SS_SRx
—
ms
Duration of the high-Z state on LX
before new soft-start.
SS_SRx = SS_SR0, SS_SR1,
SS_SR2, SS_SR3
Power Switches
Low Side FET ON Resistance
RLS
—16
21
m
VIN =VINLDO =VDDP =VDDA =5V,
VBST-VLX =5V, TA =TJ =+25°C
High Side FET ON Resistance
RHS
—38
50
m
VIN =VINLDO =VDDP =VDDA =5V,
VBST-VLX =5V, TA =TJ =+25°C
Pulse-Width Modulation (PWM)
Minimum LX ON Time
TON(MIN)
—26—
ns
TA =TJ =+25°C
Minimum LX OFF time
TOFF(MIN)
90
145
190
ns
VIN =VINLDO =VDDA =5V,
VOUTSNS = 3V, 400 kHz setting,
VOUT =3.3V,
TA =TJ =+25°C
Minimum Duty Cycle
DMIN
—0—
%
VOUTSNS >1.1 xVOUT(NOM)
Gm Error Amplifier
Error-Amplifier
Transconductance
GmEA
—1.4
—
mS
Error-Amplifier DC Gain
AEA
—
50000
—
V/V
Error-Amplifier Source Current
ISR
—
400
—
µA
Error-Amplifier Sink Current
ISNK
—
400
—
µA
COMP Output Swing High
COMP_H
—
2.5
—
V
COMP Output Swing Low
COMP_L
—
0.8
—
V
COMP-to-Inductor Current
Transconductance
GmPS
—12.5—
A/V
VOUT =1.2V, IOUT =4A
Output Voltage DC Accuracy
Minimum Programmable Out-
put Voltage
MinOut
—
0.64
—
V
Maximum Programmable Out-
put Voltage
MaxOut
—
5.25
—
V
LSB for range 0.640V to
1.280V
LSB1
—
5
—
mV
LSB for range 1.290V to
1.950V
LSB2
—
10
—
mV
LSB for range 1.980V to 3.42V
LSB3
—
30
—
mV
LSB for range 4.75V to 5.25V
LSB4
—
50
—
mV
Output Voltage Accuracy for
Ranges 1 and 2
OutErr12
-1
—
1
%
4.75V
 VIN  19V,
VOUT = 0.64V to 1.95V
TA =TJ = -40°C to +125°C,
IOUT =0A
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Specifications:
unless otherwise specified, VIN =VINLDO = 12V; CVDDA =2.2 µF, CVDDP = 2.2 µF, TA =+25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com