Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 3 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
INA240
www.ti.com
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
GAIN (V/V)
INA240A1
20
INA240A2
50
INA240A3
100
INA240A4
200
6 Pin Configuration and Functions
PW Package
8-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
NC
—
Reserved. Connect to ground.
2
IN+
Analog input
Connect to supply side of shunt resistor
3
IN–
Analog input
Connect to load side of shunt resistor
4
GND
Analog
Ground
5
VS
Analog
Power supply, 2.7 V to 5.5 V
6
REF2
Analog input
Reference 2 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With the
Reference Pins section for connection options.
7
REF1
Analog input
Reference 1 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With the
Reference Pins section for connection options.
8
OUT
Analog output
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com