Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Frequency (Hz)
0.01%
0.1%
1%
10%
1
10
100
1k
10k
100k
1M
D006
90% FS Input
11
INA240
www.ti.com
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 23 shows the performance profile of the device over frequency. Harmonic distortion increases at the
upper end of the amplifier bandwidth with no adverse change in detection of overcurrent events. However,
increased distortion at the highest frequencies must be considered when the measured current bandwidth begins
to approach the INA240 bandwidth.
For applications requiring distortion sensitive signals, Figure 23 provides information to show that there is an
optimal frequency performance range for the amplifier. The full amplifier bandwidth is always available for fast
overcurrent events at the same time that the lower frequency signals are amplified at a low distortion level. The
output signal accuracy is reduced for frequencies closer to the maximum bandwidth. Individual requirements
determine the acceptable limits of distortion for high-frequency, current-sensing applications. Testing and
evaluation in the end application or circuit is required to determine the acceptance criteria and to validate the
performance levels meet the system specifications.
Figure 23. Performance Over Frequency
8.3.2 Selecting the Sense Resistor, RSENSE
The INA240 determines the current magnitude from measuring the differential voltage developed across a
resistor. This resistor is referred to as a current-sensing resistor or a current-shunt resistor. The flexible design of
the device allows a wide input signal range across this current-sensing resistor.
The current-sensing resistor is ideally chosen solely based on the full-scale current to be measured, the full-scale
input range of the circuitry following the device, and the device gain selected. The minimum current-sensing
resistor is a design-based decision in order to maximize the input range of the signal chain circuitry. Full-scale
output signals that are not maximized to the full input range of the system circuitry limit the ability of the system
to exercise the full dynamic range of system control.
Two important factors to consider when finalizing the current-sensing resistor value are: the required current
measurement accuracy and the maximum power dissipation across the resistor. A larger resistor voltage
provides for a more accurate measurement, but increases the power dissipation in the resistor. The increased
power dissipation generates heat, which reduces the sense resistor accuracy because of the temperature
coefficient. The voltage signal measurement uncertainty is reduced when the input signal gets larger because
any fixed errors become a smaller percentage of the measured signal. The design trade-off to improve
measurement accuracy increases the current-sensing resistor value. The increased resistance value results in an
increased power dissipation in the system which can additionally decrease the overall system accuracy. Based
on these relationships, the measurement accuracy is inversely proportional to both the resistance value and
power dissipation contributed by the current-shunt selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com