Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments INA240 Datasheet HTML 16Page - Texas Instruments INA240 Datasheet HTML 17Page - Texas Instruments INA240 Datasheet HTML 18Page - Texas Instruments INA240 Datasheet HTML 19Page - Texas Instruments INA240 Datasheet HTML 20Page - Texas Instruments INA240 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
(Error_V ) +(Error_Gain) +(Error_Lin)
OS
2
2
2
V
V
OS_Total
SENSE
´ 100
(V ) +(V
) +(V
)
OS
OS_CM
OS_REF
2
2
2
´ (V
12V)
-
CM
1
CMRR_dB
20
(
10
(Error_V ) +(Error_Gain) +(Error_Lin)
OS
2
2
2
V
V
OS_Total
SENSE
´ 100
(V ) +(V
) +(V
)
OS
OS_CM
OS_REF
2
2
2
´ (V
12V)
-
CM
1
CMRR_dB
20
(
10
17
INA240
www.ti.com
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
(1)
The data for example 1 were taken with the INA240A4, VS = 5 V, VCM = 12 V, VREF1 = VREF2 = VS / 2, and VSENSE = 10 mV.
8.4.4.2 Reference Voltage Rejection Ratio Error
Reference voltage rejection ratio refers to the amount of error induced by applying a reference voltage to the
INA240 that deviates from the mid-point of the device supply voltage.
Total Error Example 1
Table 2. Total Error Calculation: Example 1(1)
TERM
SYMBOL
EQUATION
TYPICAL VALUE
Initial input offset voltage
VOS
—
5 µV
Added input offset voltage
because of common-
mode voltage
VOS_CM
0 µV
Added input offset voltage
because of reference
voltage
VOS_REF
RVRR x |VS / 2 – VREF|
0 µV
Total input offset voltage
VOS_Total
5 µV
Error from input offset
voltage
Error_VOS
0.05%
Gain error
Error_Gain
—
0.05%
Nonlinearity error
Error_Lin
—
0.01%
Total error
—
0.07%
(1)
The data for example 2 were taken with the INA240A4, VS = 5 V, VCM = 60 V, VREF1 = VREF2 = 0 V, and VSENSE = 10 mV.
Example 2
Table 3. Total Error Calculation: Example 2(1)
TERM
SYMBOL
EQUATION
TYPICAL VALUE
Initial input offset voltage
VOS
—
5 µV
Added input offset voltage
because of common-
mode voltage
VOS_CM
12.1 µV
Added input offset voltage
because of reference
voltage
VOS_REF
RVRR x |VS/2 - VREF|
5 µV
Total input offset voltage
VOS_Total
14 µV
Error from input offset
voltage
Error_VOS
0.14%
Gain error
Error_Gain
—
0.05%
Nonlinearity error
Error_Lin
—
0.01%
Total error
—
0.15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com