Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 1 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
+
Supply
(2.7 V to 5.5 V)
IN+
IN±
REF2
REF1
OUT
Time (2 µs/div)
-30
-1.5
0
-1
30
-0.5
60
0
90
0.5
120
1
150
1.5
180
2
210
2.5
240
3
270
3.5
D004
270
Y1
240
210
180
150
3.50
Y1
3
2.5
2
1.5
Common-Mode Step
INA240 OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA240
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with
Enhanced PWM Rejection
1
1 Features
1
•
Enhanced PWM Rejection
•
Excellent CMRR:
–
132-dB DC CMRR
–
93-dB AC CMRR at 50 kHz
•
Wide Common-Mode Range: –4 V to 80 V
•
Accuracy:
–
Gain:
–
Gain Error: 0.20% (max)
–
Gain Drift: 2.5 ppm/°C (max)
–
Offset:
–
Offset Voltage: ±25 μV (max)
–
Offset Drift: 250 nV/°C (max)
•
Available Gains:
–
INA240A1: 20 V/V
–
INA240A2: 50 V/V
–
INA240A3: 100 V/V
–
INA240A4: 200 V/V
•
Quiescent Current: 2.4 mA (max)
2 Applications
•
Motor Controls
•
Solenoid and Valve Controls
•
Power Management
•
Actuator Controls
•
Pressure Regulators
•
Telecom Equipment
3 Description
The
INA240
is
a
voltage-output,
current-sense
amplifier with enhanced PWM rejection that can
sense drops across shunt resistors over a wide
common-mode voltage range from –4 V to 80 V,
independent of the supply voltage. The negative
common-mode voltage allows the device to operate
below ground, accommodating the flyback period of
typical
solenoid
applications.
Enhanced
PWM
rejection provides high levels of suppression for large
common-mode transients (ΔV/Δt) in systems that use
pulse width modulation (PWM) signals (such as motor
drives and solenoid control systems). This feature
allows for accurate current measurements without
large transients and associated recovery ripple on the
output voltage.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.4 mA of
supply current. Four fixed gains are available: 20 V/V,
50 V/V, 100 V/V, and 200 V/V. The low offset of the
zero-drift architecture enables current sensing with
maximum drops across the shunt as low as 10-mV
full-scale. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are offered in an 8-pin TSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA240
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Enhanced PWM Rejection


Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240 TI1-INA240 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI2-INA240 Datasheet
1Mb / 39P
INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED DECEMBER 2021
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
More results

Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1_17 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
High/low-side, bidirectional, zero-drift current sense amplifiers
Feb-2020
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com