Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Gain Error (%)
D501
Gain Error (%)
D502
CMR (PV/V)
D003
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
VOS (PV)
D001
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-50
-40
-30
-20
-10
0
10
20
30
40
50
6
INA240
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, VS = 5 V, VCM = 12 V, and VREF = VS / 2 (unless otherwise noted)
All gains
Figure 1. Input Offset Voltage Production Distribution
Figure 2. Offset Voltage vs Temperature
All gains
Figure 3. Common-Mode Rejection Production Distribution
Figure 4. Common-Mode Rejection Ratio vs Temperature
Figure 5. Gain Error Production Distribution (INA240A1)
Figure 6. Gain Error Production Distribution (INA240A2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com