Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments INA240 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
12
INA240
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
At full-scale current = 10 A and full-scale output voltage = 3 V.
By increasing the current-shunt resistor, the differential voltage is increased across the resistor. Larger input
differential voltages require a smaller amplifier gain to achieve a full-scale amplifier output voltage. Smaller
current-shunt resistors are desired but require large amplifier gain settings. The larger gain settings often have
increased error and noise parameters, which are not attractive for precision designs. Historically, the design
goals for high-performance measurements forced designers to accept selecting larger current-sense resistors
and the lower gain amplifier settings. The INA240 provides 100-V/V and 200-V/V gain options that offer the high-
gain setting and maintains high-performance levels with offset values below 25 µV. These devices allow for the
use of lower shunt resistor values to achieve lower power dissipation and still meet high system performance
specifications.
Table 1 shows an example of the different results obtained from using two different gain versions of the INA240.
From the table data, the higher gain device allows a smaller current-shunt resistor and decreased power
dissipation in the element. The Calculating Total Error section provides information on the error calculations that
should be considered in addition to the gain and current-shunt value when designing with the INA240.
Table 1. RSENSE Selection and Power Dissipation
(1)
PARAMETER
EQUATION
RESULTS
INA240A1
INA240A4
Gain
Gain
—
20 V/V
200 V/V
VDIFF
Ideal maximum differential input voltage
VDIFF = VOUT / Gain
150 mV
15 mV
RSENSE
Current-sense resistor value
RSENSE = VDIFF / IMAX
15 mΩ
1.5 mΩ
PRSENSE
Current-sense resistor power dissipation
RSENSE x IMAX
2
1.5 W
0.15 W
8.4 Device Functional Modes
8.4.1 Adjusting the Output Midpoint With the Reference Pins
Figure 24 shows a test circuit for reference-divider accuracy. The INA240 output is configurable to allow for
unidirectional or bidirectional operation.
Figure 24. Test Circuit For Reference Divider Accuracy
NOTE
Do not connect the REF1 pin or the REF2 pin to any voltage source lower than GND or
higher than VS.
The output voltage is set by applying a voltage or voltages to the reference voltage inputs, REF1 and REF2. The
reference inputs are connected to an internal gain network. There is no operational difference between the two
reference pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com