Electronic Components Datasheet Search
  English  ▼

X  

DSOX2COMP Datasheet(PDF) 6 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 6 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 2Page - Keysight Technologies DSOX2COMP Datasheet HTML 3Page - Keysight Technologies DSOX2COMP Datasheet HTML 4Page - Keysight Technologies DSOX2COMP Datasheet HTML 5Page - Keysight Technologies DSOX2COMP Datasheet HTML 6Page - Keysight Technologies DSOX2COMP Datasheet HTML 7Page - Keysight Technologies DSOX2COMP Datasheet HTML 8Page - Keysight Technologies DSOX2COMP Datasheet HTML 9Page - Keysight Technologies DSOX2COMP Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
06 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
The following ARINC 429 mask/pulse test files are available:
– 100 kbps Eye Test
– 100 kbps 1’s Pulse Test
– 100 kbps 0’s Pulse Test
– 100 kbps Null Level Test
– 12.5 kbps Eye Test
– 12.5 kbps 1’s Pulse Test
– 12.5 kbps 0’s Pulse Test
– 12.5 kbps Null Level Test
For additional information about eye-diagram mask testing on
CAN, FlexRay, MIL-STD 1553, and ARINC 429 signals, refer to the
application notes listed at the end of this document.
Automated Physical Layer Conformance
Testing
To perform USB 2.0 signal quality testing based on USB-IF
compliance standards, Keysight offers the DSOX4USBSQ or
DSOX6USBSQ options on InfiniiVision 4000 or 6000 X-Series
oscilloscopes. Figure 10 shows an example of the USB 2.0
real-time eye test. Also included with this option is complete
signal quality test report generation in HTML format. To see the
complete list of supported tests, refer to the DSOX4USBSQ/
DSOX6USBSQ signal quality test option data sheet listed at the
ended of this document.
To perform physical layer conformance testing on the differential
FlexRay bus, Keysight provides a PC-based software package
that you can download from Keysight’s website at no additional
charge. If the InfiniiVision X-Series scope is licensed with the
FlexRay, mask test, and segmented memory, you can perform
automated physical layer tests at either receiver input or
transmitter output test points. Figure 10 shows an example of the
generated report from a signal integrity voting test on a 10-Mbs
isolated “1” pulse. The test report includes comprehensive pass/
fail and margin analysis based on published specifications.
Refer to the tables in the Specifications/Characteristics section
of this document on page 17 to see the entire list of 33 available
FlexRay tests that can be selected and performed using the
FlexRay physical layer conformance test software package.
Figure 9. ARINC 429 100 kbps eye-diagram mask test.
Figure 10. USB 2.0 signal quality eye test based on USB-IF physical layer
compliance standards.
Figure 11. FlexRay signal integrity voting test performed on an isolated
“1” bit.
Serial Bus Eye-diagram and Pulse Mask Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com