Electronic Components Datasheet Search
  English  ▼

X  

DSOX2COMP Datasheet(PDF) 23 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 23 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 18Page - Keysight Technologies DSOX2COMP Datasheet HTML 19Page - Keysight Technologies DSOX2COMP Datasheet HTML 20Page - Keysight Technologies DSOX2COMP Datasheet HTML 21Page - Keysight Technologies DSOX2COMP Datasheet HTML 22Page - Keysight Technologies DSOX2COMP Datasheet HTML 23Page - Keysight Technologies DSOX2COMP Datasheet HTML 24Page - Keysight Technologies DSOX2COMP Datasheet HTML 25Page - Keysight Technologies DSOX2COMP Datasheet HTML 26Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
Ordering Information
The various serial bus options are compatible on most models of the Keysight InfiniiVision 3000, 4000 and 6000 X-Series
oscilloscopes. The entry-level 2000 X-Series oscilloscopes support only the I2C/SPI, RS232/UART, and CAN/LIN options. Existing
InfiniiVision X-Series oscilloscopes can also be upgraded with these options.
For most model numbers, the number after DSOX tells you to which series of oscilloscope it applies. For example, DSOX2EMBD applies
to the 2000 X-Series and DSOX3EMBD applies to the 3000 X-Series. “T” in the model number indicates that this option is available in
the 3000T X-Series, but not in the 3000A X-Series.
Model number
Description
DSOX2EMBD, DSOX3EMBD, DSOX4EMBD or
DSOX6EMBD
I2C and SPI trigger and decode
DSOX2COMP, DSOX3COMP, DSOX4COMP or
DSOX6COMP
RS232/UART trigger and decode
DSOX2AUTO or DSOX3AUTO
CAN and LIN trigger and decode
DSOXT3AUTO, DSOX4AUTO, or DSOX6AUTO
CAN, CAN FD, and LIN trigger and decode, including CAN-dbc and LIN-ldf symbolic decoding
DSOXT3SENSOR, DSOX4SENSOR, or
DSOX6SENSOR
Single Edge Nibble Transmission (SENT) trigger and decode
DSOX3TCXPI or DSOX4CXPI
Clock extension peripheral interface (CXPI) trigger and decode
DSOX3FLEX, DSOX4FLEX or DSOX6FLEX
FlexRay trigger and decode
DSOX3AERO, DSOX4AERO or DSOX6AERO
MIL-STD 1553 and ARINC 429 trigger and decode
DSOX3AUDIO, DSOX4AUDIO or DSOX6AUDIO
I2S trigger and decode
DSOX4USBFL or DSOX6USBFL
USB 2.0 low- and full-speed trigger and decode
DSOX4USBH or DSOX6USBH
USB 2.0 hi-speed trigger and decode (1 GHz and 1.5 GHz bandwidth models of 4000 X-Series only)
DSOX4USBSQ or DSOX6USBSQ
USB 2.0 signal quality test (hi-speed tests require 1.5 GHz bandwidth models)
DSOX2SGM and DSOX3SGM
Segmented memory (standard on 3000T, 4000 and 6000 X-Series models)
DSOX2MASK, DSOX3MASK, DSOX4MASK or
DSOX6MASK
Mask test option
N2791A
25-MHz differential active probe
N2818A
200-MHz differential active probe
N7013A
Extreme temperature probing kit for differential active probes
N2750A
1.5 GHz differential active probe (recommended for USB 2.0 hi-speed applications)
0960-2926
DB9 probe head adapter for N2791A and N2818A
Additional options and accessories are available for Keysight’s InfiniiVision oscilloscopes. Refer to the first four documents in the list
below for ordering information about these additional options and accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com