Electronic Components Datasheet Search
  English  ▼

X  

DSOX2COMP Datasheet(PDF) 10 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 10 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 6Page - Keysight Technologies DSOX2COMP Datasheet HTML 7Page - Keysight Technologies DSOX2COMP Datasheet HTML 8Page - Keysight Technologies DSOX2COMP Datasheet HTML 9Page - Keysight Technologies DSOX2COMP Datasheet HTML 10Page - Keysight Technologies DSOX2COMP Datasheet HTML 11Page - Keysight Technologies DSOX2COMP Datasheet HTML 12Page - Keysight Technologies DSOX2COMP Datasheet HTML 13Page - Keysight Technologies DSOX2COMP Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
RS232/UART specifications/characteristics (DSOX2COMP, DSOX3COMP, DSOX4COMP and DSOX6COMP)
Tx and Rx input source
Analog channels 1, 2, 3, or 4
Digital channels D0 to D15 (3000, 4000 and 6000 X-Series only)
Bus configuration
– Baud rates
100 b/s up to 8 Mb/s
– Number of bits
5 to 9
– Parity
None, odd, or even
– Polarity
Idle low or idle high
– Bit order
LSB out first or MSB out first
Triggering
Rx start bit
Rx stop bit
Rx data
Rx 1:data (9-bit format)
Rx 0:data (9-bit format)
Rx X:data (9-bit format)
Rx or Tx parity error
Tx start bit
Tx stop bit
Tx data
Tx 1:data (9-bit format)
Tx 0:data (9-bit format)
Tx X:data (9-bit format)
Burst (nth frame within burst defined by timeout)
Hardware-based decode
– Number of decode traces
2 independent traces (Tx and Rx)
– Data format
Binary, hex, or ASCII-code characters
– Data byte display
White characters if no parity error, red characters if parity or bus error
– Idle bus trace
Mid-level bus trace in blue
– Active bus trace
Bi-level trace in blue
Multi-bus analysis
RS232/UART plus one other serial bus, including another RS232/UART bus. (3000, 4000 and 6000 X-Series
only)
Totalize/counter function
Total received frames
Total transmitted frames
Total parity error frames (with percentage)
Specifications/Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com