| Electronic Components Datasheet Search |
|
DSOX2COMP Datasheet(PDF) 14 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX2COMP Datasheet(HTML) 14 Page - Keysight Technologies |
|
14 / 26 page ![]() 14 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet Specifications/Characteristics (Continued) CAN/CAN FD specifications/characteristics (DSOXT3AUTO, DSOX4AUTO, and DSOX6AUTO) Note: “Classic” CAN 2.0 is a subset of CAN FD. CAN FD trigger and decode supports ISO and non-ISO CAN FD specifications. Both of these protocol standards are supported with the DSOXT3AUTO, DSOX4AUTO, and DSOX6AUTO option in an InfiniiVision 3000T, 4000, and 6000 X-Series oscilloscope. CAN input source Analog channels 1, 2, 3, or 4 Digital channels D0 to D15 non-differential Signal types Rx, Tx, CAN_L, CAN_H, Diff (L-H), Diff (H-L) Standard baud rates 10 kb/s up to 5 Mb/s FD baud rates 10 kb/s up to 10 Mb/s Triggering SOF (Start-of-frame) EOF (End-of-frame, filtered by ID) Data frame ID (11 bits or 29 bits: Extended) Data frame ID and data – non FD Data frame ID and data - FD Remote frame ID (RTR) Remote or data frame ID Error frame (filtered by ID) Acknowledge error (filtered by ID) Form error (filtered by ID) Stuff error (filtered by ID) CRC error (filtered by ID) Spec error (includes Ack, Form, Stuff, or CRC error; filter by ID) All errors (includes any Spec error or Error frame; filtered by ID) BRS bit (filtered by ID of FD frames only) CRC delimiter bit (filtered by ID of FD frames only) ESI bit active (filtered by ID of FD frames only) ESI bit passive (filtered by ID of FD frame only) Overload frames Symbolic triggering (based on .dbc file) Message names Message and signal values/encoded states (first 8 bytes) Hardware-based decode Frame ID (hex digits in yellow) Remote frame (RMT in green) Data length code (DLC = with decimal digits in blue) Data bytes (hex digits in white) ESI bit passive (frame type column in lister shaded yellow; FD frames only) Error frame (bi-level red bus trace with ERR FRAME in red) Stuff bit error (bi-level red bus trace with STUFF ERR in red) Form error (bi-level red bus trace with FORM ERR in red) Acknowledge error (bi-level red bus trace with ACK ERR in red) CRC (hex digits in blue = valid, hex digits in red = error) Overload frame (“OVRLD” in blue) Idle bus (mid-level dark blue bus trace) Active bus (bi-level dark blue bus trace with embedded decode within) Symbolic decode (based on .dbc file) Message names (alpha-numeric characters in yellow) Signal names, value/encoded state (first 8 bytes), and units (alpha-numeric characters in white) Multi-bus analysis CAN/CAN FD plus one other serial bus, including another CAN/CAN FD bus Totalize function (real time) Total frames, total error frames with %, total spec errors, bus load in % CAN/CAN FD Eye-diagram mask testing (requires DSOX3MASK/DSOX4MASK/ DSOX6MASK) Various downloadable mask files available based on differential probing polarity, baud rate, and network length |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |