Electronic Components Datasheet Search
  English  ▼

X  

DSOX2COMP Datasheet(PDF) 11 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 11 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 7Page - Keysight Technologies DSOX2COMP Datasheet HTML 8Page - Keysight Technologies DSOX2COMP Datasheet HTML 9Page - Keysight Technologies DSOX2COMP Datasheet HTML 10Page - Keysight Technologies DSOX2COMP Datasheet HTML 11Page - Keysight Technologies DSOX2COMP Datasheet HTML 12Page - Keysight Technologies DSOX2COMP Datasheet HTML 13Page - Keysight Technologies DSOX2COMP Datasheet HTML 14Page - Keysight Technologies DSOX2COMP Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
USB 2.0 low- and full-speed specifications/characteristics (DSOX4USBFL and DSOX6USBFL)
USB input source (D+ & D-)
Analog channels 1, 2, 3, 4
Digital channels D0-D15
Speed
Low (1.5 Mb/s) and Full (12 Mb/s)
Triggering
Start of packet (SOP)
End of packet (EOP)
Suspend – when bus is idle for > 3 ms
Resume – when exiting an idle state > 10 ms
Reset – when SE0 is > 10 ms
Token packet with specified content
Data packet with specified content
Handshake packet with specified content
Special packet with specified content
All errors – any of the below error conditions
PID error – if packet type field does not match check field
CRC5 error – if 5 bit CRC error is detected
CRC16 error – if 16 bit CRC error is detected
Glitch error – if two transitions occur in half a bit time
Bit stuff error – if >6 consecutive “ones” are detected
SE1 error – if SE1 > 1 bit time
Hardware-based decode
– Base format
Hex, Binary, ASCII, or Decimal data decode
– Token packets (excluding SOF, 3 bytes)
PID (yellow, “OUT”, “IN”, “SETUP”, “PING”)
PID Check (yellow when valid, red when error detected) – numeric value
Address (blue, 7 bits)
Endpoint (green, 4 bits)
CRC (blue when valid, red when error detected, 5 bits)
– Token packets (SOF, 3 bytes)
PID (yellow, “SOF”)
PID Check (yellow when valid, red when error detected, 5 bits)
Frame (green, 11-bits) – the frame number
CRC (blue when valid, red when error detected, 5 bits)
– Data packets (3 to 1027 bytes)
PID (yellow, “DATA0”, “DATA1”, DATA2”, “MDATA”)
PID Check (yellow when valid, red when error detected, 16 bits)
– Handshake packets (1 byte)
PID (yellow, “ACK”, “NAK”, “STALL”, “NYET”, “PRE”, “ERR”)
PID Check (yellow when valid, read when error detected) – numeric value
Hub Addr (green, 7 bits)
SC (blue, 1 bit)
Port (green, 7 bits)
S & E|U (blue, 2 bits)
ET (green, 2 bits)
CRC (blue when valid, red when error detected, 5 bits
– Multi-bus analysis
USB low-full-speed plus one other serial bus (including another USB bus)
Specifications/Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com