Electronic Components Datasheet Search
  English  ▼

X  

DSOX2COMP Datasheet(PDF) 8 Page - Keysight Technologies

Part # DSOX2COMP
Description  Serial Bus Options for InfiniiVision
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX2COMP Datasheet(HTML) 8 Page - Keysight Technologies

Back Button DSOX2COMP Datasheet HTML 4Page - Keysight Technologies DSOX2COMP Datasheet HTML 5Page - Keysight Technologies DSOX2COMP Datasheet HTML 6Page - Keysight Technologies DSOX2COMP Datasheet HTML 7Page - Keysight Technologies DSOX2COMP Datasheet HTML 8Page - Keysight Technologies DSOX2COMP Datasheet HTML 9Page - Keysight Technologies DSOX2COMP Datasheet HTML 10Page - Keysight Technologies DSOX2COMP Datasheet HTML 11Page - Keysight Technologies DSOX2COMP Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
08 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
Specifications/Characteristics
I2C specifications/characteristics (DSOX2EMBD, DSOX3EMBD, and DSOX4EMBD
Clock and data input source
Analog channels 1, 2, 3, or 4
Digital channels D0 to D15 (3000, 4000 and 6000 X-Series only)
Max clock/data rate
Up to 3.4 Mbps
Triggering
Start condition
Stop condition
Missing acknowledge
Address with no acknowledge
Restart
EEPROM data read
Frame (Start:Addr7:Read:Ack:Data)
Frame (Start:Addr7:Write:Ack:Data)
Frame (Start:Addr7:Read:Ack:Data:Ack:Data2)
Frame (Start:Addr7:Write:Ack:Data:Ack:Data2)
10-bit write
Hardware-based decode
Data (HEX digits in white)
Address decode size: 7 bits (excludes R/W bit) or 8 bits (includes R/W bit)
Read address (HEX digits followed by “R” in yellow)
Write address (HEX digits followed by “W” in light-blue)
Restart addresses (“S” in green, followed by HEX digits, followed by “R” or “W”)
Acknowledges (suffixes “A” or “~A” in the same color as the data or address preceding it)
Idle bus (mid-level bus trace in dark blue)
Active bus (bi-level bus trace in dark blue)
Unknown/error bus (bi-level bus trace in red)
Multi-bus analysis
I2C plus one other serial bus, including another I2C bus. (3000, 4000 and 6000 X-Series only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com