Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 47 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 47 Page - Micronas

Back Button MSP3400D Datasheet HTML 43Page - Micronas MSP3400D Datasheet HTML 44Page - Micronas MSP3400D Datasheet HTML 45Page - Micronas MSP3400D Datasheet HTML 46Page - Micronas MSP3400D Datasheet HTML 47Page - Micronas MSP3400D Datasheet HTML 48Page - Micronas MSP3400D Datasheet HTML 49Page - Micronas MSP3400D Datasheet HTML 50Page - Micronas MSP3400D Datasheet HTML 51Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
47
7.3.15. NICAM Prescale
7.3.16. NICAM Deemphasis
A J17 Deemphasis is always applied to the NICAM
signal. It is not switchable.
7.3.17. I2S1 and I2S2 Prescale
7.3.18. ACB Register
Definition of Digital Control Output Pins
Definition of SCART Switching Facilities
(see Fig. 4–3 on page 13)
Note: If “MONO_IN” is selected at the DSP_IN selec-
tion, the channel matrix mode of the corresponding
output channel(s) must be set to “sound A”.
Volume Prescale
NICAM
0010hex
H
OFF
0000 0000
00hex
RESET
0 dB gain
0010 0000
20hex
+12 dB gain
0111 1111
7Fhex
Prescale I2S1
0016hex
H
Prescale I2S2
0012hex
H
OFF
0000 0000
00hex
0 dB gain
0001 0000
10hex
RESET
+18 dB gain
0111 1111
7Fhex
ACB Register
0013hex
[15..14]
D_CTR_OUT0
low
(RESET)
high
x0
x1
D_CTR_OUT1
low
(RESET)
high
0x
1x
ACB Register
0013hex
[13...0]
DSP IN
Selection of Source:
* SC1_IN_L/R
MONO_IN
SC2_IN_L/R
SC3_IN_L/R
SC4_IN_L/R
Mute
xx xx00 xx00 0000
xx xx01 xx00 0000
xx xx10 xx00 0000
xx xx11 xx00 0000
xx xx00 xx10 0000
xx xx11 xx10 0000
SC1_OUT_L/R
Selection of Source:
* SC3_IN_L/R
SC2_IN_L/R
MONO_IN
SCART1_L/R via D/A
SCART2_L/R via D/A
SC1_IN_L/R
SC4_IN_L/R
Mute
xx 00xx x0x0 0000
xx 01xx x0x0 0000
xx 10xx x0x0 0000
xx 11xx x0x0 0000
xx 00xx x1x0 0000
xx 01xx x1x0 0000
xx 10xx x1x0 0000
xx 11xx x1x0 0000
SC2_OUT_L/R
Selection of Source:
* SCART1_L/R via D/A
SC1_IN_L/R
MONO_IN
SCART2_L/R via D/A
SC2_IN_L/R
SC3_IN_L/R
SC4_IN_L/R
Mute
00 xxxx 0xx0 0000
01 xxxx 0xx0 0000
10 xxxx 0xx0 0000
00 xxxx 1xx0 0000
01 xxxx 1xx0 0000
10 xxxx 1xx0 0000
11 xxxx 1xx0 0000
11 xxxx 0xx0 0000
* = RESET position, which becomes active at the
time of the first write transmission on the control bus
to the audio processing part (DSP). By writing to the
ACB register first, the RESET state can be rede-
fined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com